Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ATMEGA3290P Datasheet(PDF) 6 Page - ATMEL Corporation

Part No. ATMEGA3290P
Description  8-bit Microcontroller with 32K Bytes In-System Programmable Flash
Download  25 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ATMEL [ATMEL Corporation]
Homepage  http://www.atmel.com
Logo 

 6 page
background image
6
8021AS–AVR–12/06
ATmega329P/3290P
2.3
Pin Descriptions
The following section describes the I/O-pin special functions.
2.3.1
V
CC
Digital supply voltage.
2.3.2
GND
Ground.
2.3.3
Port A (PA7..PA0)
Port A is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port A output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port A pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port A pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port A also serves the functions of various special features of the ATmega329P/3290P as listed
on page 72.
2.3.4
Port B (PB7..PB0)
Port B is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port B output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port B pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port B pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port B has better driving capabilities than the other ports.
Port B also serves the functions of various special features of the ATmega329P/3290P as listed
on page 73.
2.3.5
Port C (PC7..PC0)
Port C is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port C output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port C pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port C pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port C also serves the functions of special features of the ATmega329P/3290P as listed on page
76.
2.3.6
Port D (PD7..PD0)
Port D is an 8-bit bi-directional I/O port with internal pull-up resistors (selected for each bit). The
Port D output buffers have symmetrical drive characteristics with both high sink and source
capability. As inputs, Port D pins that are externally pulled low will source current if the pull-up
resistors are activated. The Port D pins are tri-stated when a reset condition becomes active,
even if the clock is not running.
Port D also serves the functions of various special features of the ATmega329P/3290P as listed
on page 77.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATMEGA648-bit Microcontroller with 64K Bytes In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
AT90C85158-Bit Microcontroller with 8K bytes In-System Programmable Flash 1 2 ATMEL Corporation
ATMEGA6498-bit Microcontroller with In-System Programmable Flash 1 2 3 4 5 MoreATMEL Corporation
P89LPC94018-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment x 4 LCD driver 1 2 3 4 5 MoreNXP Semiconductors
P89LPC94088-bit microcontroller with two-clock 80C51 core 8 kB 3 V byte-erasable flash 32 segment x 4 LCD driver 10-bit ADC 1 2 3 4 5 MoreNXP Semiconductors
P8XC5928-bit microcontroller with on-chip CAN 1 2 3 4 5 MoreNXP Semiconductors
ST723408-BIT MCU WITH UP TO 16K FLASH MEMORY 10-BIT ADC TWO 16-BIT TIMERS TWO I2C SPI SCI 1 2 3 4 5 MoreSTMicroelectronics
ST72324B5V RANGE 8-BIT MCU WITH 8 TO 32K FLASH/ROM 10-BIT ADC 4 TIMERS SPI SCI INTERFACE 1 2 3 4 5 MoreSTMicroelectronics
89C5280C51 8-bit microcontroller family 4K/8K/16K/32K Flash 1 2 3 4 5 MoreNXP Semiconductors
SCG98008-BIT MICROCONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl