Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

25LC320A Datasheet(PDF) 8 Page - Microchip Technology

Part # 25LC320A
Description  32K SPI Bus Serial EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC320A Datasheet(HTML) 8 Page - Microchip Technology

Back Button 25LC320A Datasheet HTML 4Page - Microchip Technology 25LC320A Datasheet HTML 5Page - Microchip Technology 25LC320A Datasheet HTML 6Page - Microchip Technology 25LC320A Datasheet HTML 7Page - Microchip Technology 25LC320A Datasheet HTML 8Page - Microchip Technology 25LC320A Datasheet HTML 9Page - Microchip Technology 25LC320A Datasheet HTML 10Page - Microchip Technology 25LC320A Datasheet HTML 11Page - Microchip Technology 25LC320A Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
25AA320A/25LC320A
DS21828C-page 8
© 2007 Microchip Technology Inc.
FIGURE 2-2:
BYTE WRITE SEQUENCE
FIGURE 2-3:
PAGE WRITE SEQUENCE
SO
SI
CS
9 1011
2122 23242526 272829 30 31
00
0
0
0
0
01
15 14 13 12
21
0
7
654
321
0
Instruction
16-bit Address
Data Byte
High-Impedance
SCK
0
2
34
567
18
Twc
SI
CS
9 1011
21 222324 2526 2728 29 30 31
00
0
0
0
0
01
15 14 13 12
210
765
43
2
1
0
Instruction
16-bit Address
Data Byte 1
SCK
0
2345
67
1
8
SI
CS
41 42 43
46 47
7
65432
10
Data Byte n (32 max)
SCK
32
34 35 36 37 38 39
33
40
7
6543
210
Data Byte 3
7
6543
210
Data Byte 2
44 45


Similar Part No. - 25LC320A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC320A MICROCHIP-25LC320A Datasheet
424Kb / 26P
   32K SPI Bus Serial EEPROM
2007
25LC320A MICROCHIP-25LC320A Datasheet
518Kb / 30P
   32K SPI Bus Serial EEPROM
2009
25LC320A MICROCHIP-25LC320A Datasheet
358Kb / 24P
   8K-256K SPI Serial EEPROM High Temp Family Data Sheet
2009
25LC320A-E/MNY MICROCHIP-25LC320A-E/MNY Datasheet
518Kb / 30P
   32K SPI Bus Serial EEPROM
2009
25LC320A-E/MS MICROCHIP-25LC320A-E/MS Datasheet
424Kb / 26P
   32K SPI Bus Serial EEPROM
2007
More results

Similar Description - 25LC320A

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC320-ISN MICROCHIP-25LC320-ISN Datasheet
400Kb / 26P
   32K SPI Bus Serial EEPROM
01/02/08
25AA320A MICROCHIP-25AA320A_07 Datasheet
424Kb / 26P
   32K SPI Bus Serial EEPROM
2007
25AA320 MICROCHIP-25AA320 Datasheet
383Kb / 24P
   32K SPI Bus Serial EEPROM
2004
25LC320SN MICROCHIP-25LC320SN Datasheet
400Kb / 26P
   32K SPI Bus Serial EEPROM
2008
25AA320 MICROCHIP-25AA320_08 Datasheet
400Kb / 26P
   32K SPI Bus Serial EEPROM
2008
25AA320A MICROCHIP-25AA320A_09 Datasheet
518Kb / 30P
   32K SPI Bus Serial EEPROM
2009
25C320 MICROCHIP-25C320 Datasheet
284Kb / 24P
   32K SPI Bus Serial EEPROM
07/12/04
25LC320 MICROCHIP-25LC320 Datasheet
87Kb / 12P
   32K 2.5V SPI Bus Serial EEPROM
1996
25C320 MICROCHIP-25C320 Datasheet
86Kb / 12P
   32K 5.0V SPI Bus Serial EEPROM
2004
logo
Asahi Kasei Microsystem...
AK6510C AKM-AK6510C Datasheet
108Kb / 17P
   SPI bus 32K/64Kbit Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com