Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT9160BS Datasheet(PDF) 6 Page - Zarlink Semiconductor Inc

Part # MT9160BS
Description  5 Volt Multi-Featured Codec (MFC)
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9160BS Datasheet(HTML) 6 Page - Zarlink Semiconductor Inc

Back Button MT9160BS Datasheet HTML 2Page - Zarlink Semiconductor Inc MT9160BS Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9160BS Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9160BS Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9160BS Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9160BS Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9160BS Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9160BS Datasheet HTML 9Page - Zarlink Semiconductor Inc MT9160BS Datasheet HTML 10Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
MT9160B/61B
Advance Information
84
Motorola/National operation. Refer to the relative
timing diagrams of Figures 5 and 6.
Receive data is sampled on the rising edge of SCLK
while transmit data is made available concurrent with
the falling edge of SCLK.
Flexible Digital Interface
A serial link is required to transport data between the
MT9160B/61B and an external digital transmission
device. The MT9160B/61B utilizes the ST-BUS
architecture defined by Zarlink Semiconductor but
Figure 4 - Serial Port Relative Timing for Intel Mode 0
Figure 5 - Serial Port Relative Timing for Motorola Mode 00/National Microwire
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
XX
A2
A1
A0
R/W
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
Delays due to internal processor timing which are transparent.
y
The MT9160:-latches received data on the rising edge of SCLK.
The falling edge of CS indicates that a COMMAND/ADDRESS byte will be transmitted from the microprocessor. The
A new COMMAND/ADDRESS byte may be loaded only by CS cycling high then low again.
The COMMAND/ADDRESS byte contains:
y
COMMAND/ADDRESS
DATA INPUT/OUTPUT
COMMAND/ADDRESS:
DATA 1
RECEIVE
DATA 1
TRANSMIT
SCLK
CS
D7
D0
-outputs transmit data on the falling edge of SCLK.
subsequent byte is always data until terminated via CS returning high.
1 bit - Read/Write
3 bits - Addressing Data
4 bits - Unused
XX
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
y
COMMAND/ADDRESS
DATA INPUT/OUTPUT
COMMAND/ADDRESS:
DATA 2
RECEIVE
DATA 1
TRANSMIT
SCLK
CS
R/W
XA1
A0
X
D7
D0
Delays due to internal processor timing which are transparent.
The falling edge of CS indicates that a COMMAND/ADDRESS byte will be transmitted from the microprocessor. The
A new COMMAND/ADDRESS byte may be loaded only by CS cycling high then low again.
The COMMAND/ADDRESS byte contains:
subsequent byte is always data until terminated via CS returning high.
1 bit - Read/Write
3 bits - Addressing Data
4 bits - Unused
y
The MT9160:-latches received data on the rising edge of SCLK.
-outputs transmit data on the falling edge of SCLK.
XX
A2


Similar Part No. - MT9160BS

ManufacturerPart #DatasheetDescription
logo
Mitel Networks Corporat...
MT9160BS MITEL-MT9160BS Datasheet
13Kb / 2P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9160BS MITEL-MT9160BS Datasheet
154Kb / 30P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
More results

Similar Description - MT9160BS

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT91L61 ZARLINK-MT91L61 Datasheet
529Kb / 33P
   3 Volt Multi-Featured Codec (MFC)
logo
Mitel Networks Corporat...
MT9160B MITEL-MT9160B Datasheet
13Kb / 2P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9160 MITEL-MT9160 Datasheet
402Kb / 28P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT9161B MITEL-MT9161B Datasheet
154Kb / 30P
   ISO2-CMOS 5 Volt Multi-Featured Codec (MFC)
MT91L60 MITEL-MT91L60 Datasheet
166Kb / 20P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
MT91L61 MITEL-MT91L61 Datasheet
146Kb / 32P
   ISO2-CMOS 3 Volt Multi-Featured Codec (MFC)
logo
Zarlink Semiconductor I...
MT9162 ZARLINK-MT9162 Datasheet
569Kb / 22P
   5 Volt Single Rail Codec
logo
Mitel Networks Corporat...
MT9162 MITEL-MT9162 Datasheet
83Kb / 17P
   ISO2-CMOS 5 Volt Single Rail Codec
logo
Clare, Inc.
M-986-2R2 CLARE-M-986-2R2 Datasheet
520Kb / 13P
   MFC Transceivers
logo
List of Unclassifed Man...
STAC9708 ETC-STAC9708 Datasheet
247Kb / 56P
   Multi-Channel AC97 Codec With Multi-Codec Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com