Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70N06 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 70N06
Description  70 Amps, 60 Volts N-CHANNEL POWER MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

70N06 Datasheet(HTML) 5 Page - Unisonic Technologies

  70N06 Datasheet HTML 1Page - Unisonic Technologies 70N06 Datasheet HTML 2Page - Unisonic Technologies 70N06 Datasheet HTML 3Page - Unisonic Technologies 70N06 Datasheet HTML 4Page - Unisonic Technologies 70N06 Datasheet HTML 5Page - Unisonic Technologies 70N06 Datasheet HTML 6Page - Unisonic Technologies 70N06 Datasheet HTML 7Page - Unisonic Technologies 70N06 Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
70N06
MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 8
www.unisonic.com.tw
QW-R502-089,A
TEST CIRCUITS AND WAVEFORMS (Cont.)
VGS
D.U.T.
RG
10V
VDS
RL
VDD
VDS
90%
10%
VGS
tD(ON)
tR
tD(OFF)
tF
Pulse Width ≤ 1μs
Duty Factor ≤0.1%
Fig. 2A Switching Test Circuit
Fig. 2B Switching Waveforms
50kΩ
0.3μF
DUT
VDS
Same Type
as D.U.T.
10V
0.2μF
12V
Charge
QGS
QGD
QG
VGS
1mA
VG
Fig. 3A Gate Charge Test Circuit
Fig. 3B Gate Charge Waveform
D.U.T.
RG
10V
VDS
L
VDD
tp
IAS
tp
Time
BVDSS
Fig. 4A Unclamped Inductive Switching Test Circuit
Fig. 4B Unclamped Inductive Switching Waveforms


Similar Part No. - 70N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
70N06 UTC-70N06 Datasheet
344Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
KIA Semiconductor Techn...
70N06 KIA-70N06 Datasheet
388Kb / 14P
   70A 60V N-CHANNEL MOSFET
logo
Inchange Semiconductor ...
70N06 ISC-70N06 Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
70N06 VBSEMI-70N06 Datasheet
1Mb / 7P
   N-Channel 60-V (D-S) MOSFET
logo
Unisonic Technologies
70N06G-T2Q-T UTC-70N06G-T2Q-T Datasheet
344Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results

Similar Description - 70N06

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
70N06 UTC-70N06_09 Datasheet
344Kb / 8P
   70 Amps, 60 Volts N-CHANNEL POWER MOSFET
60N06 UTC-60N06 Datasheet
201Kb / 8P
   60 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002 UTC-2N7002_11 Datasheet
291Kb / 6P
   0.3 Amps, 60 Volts N-CHANNEL POWER MOSFET
UTT150N06 UTC-UTT150N06 Datasheet
196Kb / 6P
   150 Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06_07 Datasheet
223Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
2N7002W UTC-2N7002W Datasheet
158Kb / 3P
   300m Amps, 60 Volts N-CHANNEL POWER MOSFET
30N06 UTC-30N06 Datasheet
154Kb / 8P
   30 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06 UTC-50N06 Datasheet
145Kb / 8P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
First Silicon Co., Ltd
FTK50N06P FS-FTK50N06P Datasheet
228Kb / 7P
   50 Amps, 60 Volts N-CHANNEL POWER MOSFET
logo
Unisonic Technologies
12N06 UTC-12N06 Datasheet
195Kb / 5P
   12 Amps, 60 Volts N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com