Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32560J474K Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # B32560J474K
Description  Metallized Polyester Film Capacitors (MKT) Uncoated (Silver Caps)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

B32560J474K Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button B32560J474K Datasheet HTML 3Page - Siemens Semiconductor Group B32560J474K Datasheet HTML 4Page - Siemens Semiconductor Group B32560J474K Datasheet HTML 5Page - Siemens Semiconductor Group B32560J474K Datasheet HTML 6Page - Siemens Semiconductor Group B32560J474K Datasheet HTML 7Page - Siemens Semiconductor Group B32560J474K Datasheet HTML 8Page - Siemens Semiconductor Group B32560J474K Datasheet HTML 9Page - Siemens Semiconductor Group B32560J474K Datasheet HTML 10Page - Siemens Semiconductor Group B32560J474K Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Siemens Matsushita Components
59
MKT
22,5
Capacitance tolerance:
± 20 % =ˆ M, ± 10 % =ˆ K, ± 5 % =ˆ J
Special dimensions available upon request. For corresponding design rules, refer to page 238.
Ordering codes and packing units, lead spacing 22,5 mm
VR
(
Vrms,
f
≤ 60 Hz)
CR
Maximum
dimensions
b
× h × l (mm)
Ordering code1)
Packing units (pcs)
Untaped
100 Vdc
(63Vac)
1,5
µF
5,0
× 8,0 × 24,0 B32563-J1155-+
1400
2,2
µF
5,0
× 8,2 × 24,0 B32563-J1225-+
1900
3,3
µF
5,0
× 8,2 × 24,0 B32563-J1335-+
1900
4,7
µF
5,9
× 9,0 × 24,0 B32563-J1475-+
1600
6,8
µF
7,0
× 10,5 × 24,0 B32563-J1685-+
920
10
µF
8,6
× 12,2 × 24,0 B32563-J1106-+
960
15
µF
10,9
× 14,0 × 24,0 B32563-J1156-+
620
22
µF
12,8
× 17,2 × 24,0 B32563-J1226-+
360
250 Vdc
(160 Vac)
0,68
µF
4,8
× 7,2 × 24,0 B32563-J3684-+
1760
1,0
µF
5,6
× 8,2 × 24,0 B32563-J3105-+
1140
1,5
µF
6,9
× 9,5 × 24,0 B32563-J3155-+
920
2,2
µF
8,3
× 11,2 × 24,0 B32563-J3225-+
740
3,3
µF
10,1
× 13,5 × 24,0 B32563-J3335-+
700
4,7
µF
12,2
× 15,5 × 24,0 B32563-J3475-+
390
400 Vdc
(200Vac)
0,22
µF
5,1
× 8,0 × 24,0 B32563-J6224-+
1800
0,33
µF
5,1
× 8,0 × 24,0 B32563-J6334-+
1700
0,47
µF
5,7
× 8,3 × 24,0 B32563-J6474-+
1660
0,68
µF
6,9
× 9,6 × 24,0 B32563-J6684-+
920
1,0
µF
8,3
× 11,2 × 24,0 B32563-J6105-+
850
1,5
µF
10,3
× 13,2 × 24,0 B32563-J6155-+
660
2,2
µF
12,6
× 15,5 × 24,0 B32563-J6225-+
360
1) Replace the + by the code letter for the required capacitance tolerance.
B 32 563


Similar Part No. - B32560J474K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32560J0105 EPCOS-B32560J0105 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32560J0105C289 EPCOS-B32560J0105C289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32560J0155 EPCOS-B32560J0155 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32560J0155M289 EPCOS-B32560J0155M289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32560J0225 EPCOS-B32560J0225 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results

Similar Description - B32560J474K

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com