Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC141803 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MC141803
Description  LCD Segment / Common Driver with Controller CMOS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC141803 Datasheet(HTML) 5 Page - Motorola, Inc

  MC141803 Datasheet HTML 1Page - Motorola, Inc MC141803 Datasheet HTML 2Page - Motorola, Inc MC141803 Datasheet HTML 3Page - Motorola, Inc MC141803 Datasheet HTML 4Page - Motorola, Inc MC141803 Datasheet HTML 5Page - Motorola, Inc MC141803 Datasheet HTML 6Page - Motorola, Inc MC141803 Datasheet HTML 7Page - Motorola, Inc MC141803 Datasheet HTML 8Page - Motorola, Inc MC141803 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
MC141803
3–317
MOTOROLA
ELECTRICAL CHARACTERISTICS (Voltage Referenced to VSS, DVDD=2.4-3.15V, TA=25˚C)
* The formula for the temperature coefficient is:
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VLL6
VLL5
VLL4
VLL3
VLL2
LCD Display Voltage. (LCD Driving Voltage Output from
Pins VLL6, VLL5, VLL4, VLL3 and VLL2.)
1/5 Bias Ratio, Voltage Divider Enabled, Regula-
tor Enabled.
-
-
-
-
-
VR
0.8*VR
0.6*VR
0.4*VR
0.2*VR
-
-
-
-
-
V
V
V
V
V
VLL6
VLL5
VLL4
DUM2
DUM1
VLL3
VLL2
1/7 Bias Ratio, Internal Voltage Divider Enabled,
Regulator Enabled
-
-
-
-
-
-
-
VR
6/7*VR
5/7*VR
4/7*VR
3/7*VR
2/7*VR
1/7*VR
-
-
-
-
-
-
-
V
V
V
V
V
V
V
VLL6
VLL5
VLL4
VLL3
VLL2
External Voltage Generator, Internal Voltage
Divider Disable
0.5VCC
0.5VCC
0.5VCC
VSS
VSS
-
-
-
-
-
VCC
VCC
VCC
0.5VCC
0.5VCC
V
V
V
V
V
IOH
IOL
IOZ
Output Current
Output High Current Source from Pins D0-D7,
Annun0-3, BP and OSC2
Output Low Current Drain by Pins D0-D7,
Annun0-3, BP and OSC2
Output Tri-state Current Drain Source at pins D0-
D7 and OSC2
Vout=VDD-0.4V.
Vout=0.4V.
100
-
-1
-
-
-
-
-100
1
µA
µA
µA
IIL/IIH
Input Current at pins RES, CE, CS, D0-D7, R/W, D/C
OSC1 and OSC2.
-1
-
1
µA
Ron
On Resistance
Channel Resistance between LCD Driving Signal
Pins (SEG and COM) and Driving Voltage Input
Pins (VLL2 to VLL6).
During Display on, 0.1V Apply between Two Ter-
minals, VCC within Operating Voltage Range.
-
-
10
k
VSB
Memory Retention Voltage (DVDD)
Standby Mode, Retained All Internal Configuration
and RAM Data
1.8
-
-
V
CIN
Input Capacitance
All Control Pins
-
5
7.5
pF
PTC0
PTC1
PTC2
PTC3
Temperature Coefficient Compensation
Flat Temperature Coefficient
Temperature Coefficient 1*
Temperature Coefficient 2*
Temperature Coefficient 3*
TC1=0, TC2=0, Voltage Regulator Disabled.
TC1=0, TC2=1, Voltage Regulator Enabled.
TC1=1, TC2=0, Voltage Regulator Enabled.
TC1=1, TC2=1, Voltage Regulator Enabled.
-
-
-
-
0.0
-0.18
-0.22
-0.35
-
-
-
-
%
%
%
%
VCN
Internal Contrast Control
VR Output Voltage with Internal Contrast Control
Selected. 16 Voltage Levels Controlled by Soft-
ware. Each Level is Typical of 2.25% of the Regu-
lator Output Voltage.
Internal Regulator Enabled, Internal Contrast
Control Enabled.
-
±18
-
%
TC(%)=
VR at 50˚C - VR at 0˚C
50˚C - 0˚C
X
1
VR at 25˚C
X100%


Similar Part No. - MC141803

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC141800A MOTOROLA-MC141800A Datasheet
533Kb / 34P
   LCD Segment / Common Driver with Controller
More results

Similar Description - MC141803

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
   LCD Segment / Common Driver With Controller CMOS
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
   LCD Segment / Common Driver with Controller CMOS
SSD1854 ETC-SSD1854 Datasheet
771Kb / 48P
   LCD Segment / Common Driver with Controller CMOS
SSD1820A ETC1-SSD1820A Datasheet
518Kb / 43P
   LCD Segment / Common Driver with Controller CMOS
SSD1828 ETC-SSD1828 Datasheet
434Kb / 43P
   LCD Segment / Common Driver with Controller CMOS
SSD1858 ETC1-SSD1858 Datasheet
371Kb / 50P
   LCD Segment / Common Driver with Controller CMOS
SSD1850 ETC-SSD1850 Datasheet
793Kb / 56P
   CMOS LCD Segment / Common Driver with Controller
logo
Motorola, Inc
MC141539 MOTOROLA-MC141539 Datasheet
977Kb / 19P
   LCD Segment / Common Driver with Controller
logo
List of Unclassifed Man...
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
   LCD Segment / Common Driver with Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com