Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1635H-600GRG Datasheet(PDF) 3 Page - STMicroelectronics

Part # T1635H-600GRG
Description  Snubberless TM high temperature 16 A Triacs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

T1635H-600GRG Datasheet(HTML) 3 Page - STMicroelectronics

  T1635H-600GRG Datasheet HTML 1Page - STMicroelectronics T1635H-600GRG Datasheet HTML 2Page - STMicroelectronics T1635H-600GRG Datasheet HTML 3Page - STMicroelectronics T1635H-600GRG Datasheet HTML 4Page - STMicroelectronics T1635H-600GRG Datasheet HTML 5Page - STMicroelectronics T1635H-600GRG Datasheet HTML 6Page - STMicroelectronics T1635H-600GRG Datasheet HTML 7Page - STMicroelectronics T1635H-600GRG Datasheet HTML 8Page - STMicroelectronics T1635H-600GRG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
T1635H Series
Characteristics
3/10
Table 3.
Static electrical characteristics
Symbol
Test conditions
Value
Unit
VTM
(1)
ITM= 22.5 A, tp = 380 µs
Tj = 25° C
MAX
1.5
V
VTO
(1)
Tj = 150° C
MAX
0.80
V
RD
(1)
Tj = 150° C
MAX
23
m
IDRM
IRRM
VDRM = VRRM
Tj = 25° C
MAX
5µA
Tj = 150° C
6.4
mA
VD/VR = 400 V (at peak mains voltage)
Tj = 150° C
4.2
1.
for both polarities of A2 referenced to A1
Table 4.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth (j-c)
Junction to case (AC)
D2PAK
TO-220AB
1.2
°C/W
TO-220AB Ins
2.1
Rth (j-a)
Junction to ambient
SCU = 1 cm² D
2PAK
45
TO-220AB
TO-220AB Ins
60
Figure 1.
Maximum power dissipation
vs RMS on-state current (full cycle)
Figure 2.
RMS on-state current vs case
temperature (full cycle)
0
2
4
6
8
10
12
14
16
18
02
46
8
10
12
14
16
P(W)
α=180 °
180°
IT(RMS)(A)
0
2
4
6
8
10
12
14
16
18
0
25
50
75
100
125
150
IT(RMS)(A)
α=180 °
TO-220AB
Insulated
TO-220AB/D²PAK
TC(°C)


Similar Part No. - T1635H-600GRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1635H-6G STMICROELECTRONICS-T1635H-6G Datasheet
136Kb / 10P
   High temperature 16 A Triacs
T1635H-6G-TR STMICROELECTRONICS-T1635H-6G-TR Datasheet
136Kb / 10P
   High temperature 16 A Triacs
T1635H-6I STMICROELECTRONICS-T1635H-6I Datasheet
136Kb / 10P
   High temperature 16 A Triacs
T1635H-6T STMICROELECTRONICS-T1635H-6T Datasheet
136Kb / 10P
   High temperature 16 A Triacs
More results

Similar Description - T1635H-600GRG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T1635H6T STMICROELECTRONICS-T1635H6T Datasheet
138Kb / 10P
   High temperature 16 A Snubberless??Triacs
T3035H-6T STMICROELECTRONICS-T3035H-6T Datasheet
127Kb / 9P
   Snubberless high temperature 30 A Triacs
T3050H-6I STMICROELECTRONICS-T3050H-6I Datasheet
127Kb / 9P
   Snubberless??high temperature 30 A Triacs
T2035H STMICROELECTRONICS-T2035H_07 Datasheet
137Kb / 10P
   High temperature 20 A Snubberless??TRIACs
T2550H STMICROELECTRONICS-T2550H Datasheet
108Kb / 8P
   Snubberless high temperature 25 A Triacs
T2035H STMICROELECTRONICS-T2035H Datasheet
136Kb / 10P
   Snubberless??high temperature 20 A Triacs
T1235H STMICROELECTRONICS-T1235H_V01 Datasheet
136Kb / 10P
   High temperature 12 A Snubberless™ Triacs
September 2011
T1635H STMICROELECTRONICS-T1635H_07 Datasheet
136Kb / 10P
   High temperature 16 A Triacs
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com