Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD3086EDGS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD3086EDGS
Description  LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD3086EDGS Datasheet(HTML) 2 Page - Texas Instruments

  SN65HVD3086EDGS Datasheet HTML 1Page - Texas Instruments SN65HVD3086EDGS Datasheet HTML 2Page - Texas Instruments SN65HVD3086EDGS Datasheet HTML 3Page - Texas Instruments SN65HVD3086EDGS Datasheet HTML 4Page - Texas Instruments SN65HVD3086EDGS Datasheet HTML 5Page - Texas Instruments SN65HVD3086EDGS Datasheet HTML 6Page - Texas Instruments SN65HVD3086EDGS Datasheet HTML 7Page - Texas Instruments SN65HVD3086EDGS Datasheet HTML 8Page - Texas Instruments SN65HVD3086EDGS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
SN65HVD3080E
SN65HVD3083E
SN65HVD3086E
SLLS771A – NOVEMBER 2006 – REVISED DECEMBER 2006
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
ORDERING INFORMATION
PART NUMBER
PACKAGE(1)
MARKED AS
SN65HVD3080E
BTT
SN65HVD3083E
DGS, DGSR (2)
BTU
SN65HVD3086E
BTF
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
The R suffix indicated tape and reel.
over operating free-air temperature range unless otherwise noted(1)
UNIT
VCC
Supply voltage range(2)
–0.3 V to 7 V
V(A), V(B), V(Y), V(Z)
Voltage range at any bus terminal (A, B, Y, Z)
–9 V to 14 V
Voltage input, transient pulse through 100
Ω.
V(TRANS)
–50 to 50 V
See Figure 10 (A, B, Y, Z)
VI
Input voltage range (D, DE, RE)
-0.3 V to VCC+0.3 V
PD
Continuous total power dissipation
See the dissipation rating table
TJ
Junction temperature
170
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential I/O bus voltages, are with respect to network ground terminal.
POWER DISSIPATION RATINGS
DERATING FACTOR(1)
PACKAGE
TA < 25°C
TA = 85°C
ABOVE TA < 25°C
DGS-10
463 mW
3.71 mW/
°C
241 mW
(1)
This is the inverse of the junction-to-ambient thermal resistance when board-mounted and with no air flow.
ELECTROSTATIC DISCHARGE PROTECTION
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Human Body Model(1)
A,B,Y,Z, and GND
16k
V
All pins
6k
V
Field-induced-Charged Device Mode(2)
All pins
1.5k
V
Machine Model
200
V
(1)
Tested in accordance JEDEC Standard 22, Test Method A114-A. Bus pin stressed with respect to a common connection of GND and
VCC.
(2)
Tested in accordance JEDEC Standard 22, Test Method C101.
2
Submit Documentation Feedback


Similar Part No. - SN65HVD3086EDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3086EDGS TI-SN65HVD3086EDGS Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3086EDGS TI1-SN65HVD3086EDGS Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3086EDGSG4 TI-SN65HVD3086EDGSG4 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3086EDGSG4 TI1-SN65HVD3086EDGSG4 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3086EDGSR TI-SN65HVD3086EDGSR Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results

Similar Description - SN65HVD3086EDGS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com