Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD3083EDGSRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SN65HVD3083EDGSRG4
Description  LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD3083EDGSRG4 Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD3083EDGSRG4 Datasheet HTML 1Page - Texas Instruments SN65HVD3083EDGSRG4 Datasheet HTML 2Page - Texas Instruments SN65HVD3083EDGSRG4 Datasheet HTML 3Page - Texas Instruments SN65HVD3083EDGSRG4 Datasheet HTML 4Page - Texas Instruments SN65HVD3083EDGSRG4 Datasheet HTML 5Page - Texas Instruments SN65HVD3083EDGSRG4 Datasheet HTML 6Page - Texas Instruments SN65HVD3083EDGSRG4 Datasheet HTML 7Page - Texas Instruments SN65HVD3083EDGSRG4 Datasheet HTML 8Page - Texas Instruments SN65HVD3083EDGSRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ti.com
DRIVER ELECTRICAL CHARACTERISTICS
DRIVER SWITCHING CHARACTERISTICS
SN65HVD3080E
SN65HVD3083E
SN65HVD3086E
SLLS771A – NOVEMBER 2006 – REVISED DECEMBER 2006
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
No load, IO = 0
3
4.3
VCC
RL = 54 Ω, See Figure 1
1.5
2.3
|VOD|
Differential output voltage
V
Vtest = –7 V to 12 V, See Figure 2
1.5
RL = 100 Ω, See Figure 1
2
∆|V
OD|
Change in magnitude of differential output voltage
RL = 54 Ω, See Figure 1 and Figure 2
–0.2
0
0.2
V
VOC(SS)
Steady-state common-mode output voltage
1
2.6
3
∆V
OC(SS)
Common-mode output voltage (Dominant)
See Figure 3
-0.1
0
0.1
V
VOC(PP)
Peak-to-peak common-mode output voltage
0.5
VCC = 0 V, V(Z) or V(Y) = 12 V
1
Other input at 0 V
VCC = 0 V, V(Z) or V(Y) = -7 V
-1
Other input at 0 V
IZ(Y) or
High-impedance state output current
µA
IZ(Z)
VCC = 5 V, V(Z) or V(Y) = 12 V
1
Other input at 0 V
VCC = 5 V, V(Z) or V(Y) = -7 V
-1
Other input at 0 V
II
Input current
D, DE
-100
100
µA
IOS
Short-circuit output current
–7 V
≤ V
O ≤ 12 V
-250
250
mA
over recommended operating conditions unless otherwise noted
PARAMETER(1)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
HVD3080E
0.7
1.3
µs
tPLH,
Propagation delay time, low-to-high-level output
HVD3083E
150
500
ns
tPHL
Propagation delay time, high-to-low-level output
HVD3086E
12
20
ns
HVD3080E
0.5
0.9
1.5
µs
RL = 54 Ω,
tr,
Differential output signal rise time
HVD3083E
CL = 50 pF,
200
300
ns
tf
Differential output signal fall time
See Figure 4
HVD3086E
7
15
ns
HVD3080E
20
200
ns
tsk(p)
Pulse skew (|tPHL– tPLH|)
HVD3083E
5
50
ns
HVD3086E
1.4
5
ns
HVD3080E
2.5
7
µs
Propagation delay time,
tPZH
HVD3083E
1
2.5
µs
high-impedance-to-high-level output
RL = 110 Ω,
HVD3086E
13
30
ns
RE at 0 V,
HVD3080E
80
200
ns
See Figure 5
Propagation delay time,
tPHZ
HVD3083E
60
100
ns
high-level-to-high-impedance output
HVD3086E
12
30
ns
HVD3080E
2.5
7
µs
Propagation delay time, high-impedance-to-low-level
tPZL
HVD3083E
1
2.5
µs
output
RL = 110 Ω,
HVD3086E
13
30
ns
RE at 0 V,
HVD3080E
80
200
ns
See Figure 6
Propagation delay time, low-level-to-high-impedance
tPLZ
HVD3083E
60
100
ns
output
HVD3086E
12
30
ns
tPZH,
Propagation delay time, standby-to-high-level output (See Figure 5)
RL = 110 Ω, RE at 3 V
3.5
7
µs
tPZL
Propagation delay time, standby-to-low-level output (See Figure 6)
(1)
SNHVD3080 and SNHVD3083 are in the Product Preview state of development.
4
Submit Documentation Feedback


Similar Part No. - SN65HVD3083EDGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3083EDGSRG4 TI-SN65HVD3083EDGSRG4 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
More results

Similar Description - SN65HVD3083EDGSRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3080E TI1-SN65HVD3080E_16 Datasheet
1Mb / 23P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD3080E TI-SN65HVD3080E_07 Datasheet
379Kb / 17P
[Old version datasheet]   LOW-POWER RS-485 FULL-DUPLEX DRIVERS/RECEIVERS
SN65HVD30 TI-SN65HVD30 Datasheet
1Mb / 21P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_07 Datasheet
726Kb / 25P
[Old version datasheet]   3.3V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD50 TI-SN65HVD50 Datasheet
1Mb / 23P
[Old version datasheet]   HIGH OUTPUT FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
SN65HVD179 TI-SN65HVD179 Datasheet
374Kb / 14P
[Old version datasheet]   5 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
SN65HVD379 TI-SN65HVD379 Datasheet
515Kb / 14P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485/RS-422 DRIVERS AND BALANCED RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com