Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM485EARZ-REEL7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADM485EARZ-REEL7
Description  5 V, 짹15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM485EARZ-REEL7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM485EARZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM485EARZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM485EARZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM485EARZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM485EARZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM485EARZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM485EARZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM485EARZ-REEL7 Datasheet HTML 9Page - Analog Devices ADM485EARZ-REEL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADM485E/ADM487E/ADM1487E
Rev. 0 | Page 6 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 5.
Parameter
Rating
VCC to GND
−0.5 V to +6 V
Digital I/O Voltage (DE, RE)
−0.5 V to (VCC + 0.5 V)
Driver Input Voltage (DI)
−0.5 V to (VCC + 0.5 V)
Receiver Output Voltage (RO)
−0.5 V to (VCC + 0.5 V)
Driver Output/Receiver Input Voltage
(A, B)
−9 V to +14 V
Operating Temperature Range
−40° to +85°C
Storage Temperature Range
−65° to +150°C
θJA Thermal Impedance
158°C/W
SOIC-8
Lead Temperature
Soldering (10 sec)
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - ADM485EARZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM485EARZ-REEL7 AD-ADM485EARZ-REEL7 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
More results

Similar Description - ADM485EARZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM485E AD-ADM485E_V01 Datasheet
285Kb / 16P
   5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
Rev. B
ADM3483E AD-ADM3483E Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3077E AD-ADM3077E Datasheet
622Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3070E AD-ADM3070E Datasheet
466Kb / 20P
   3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. F
ADM1487E AD-ADM1487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM487E AD-ADM487E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM485E AD-ADM485E_15 Datasheet
286Kb / 16P
   Half-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3485E AD-ADM3485E_10 Datasheet
303Kb / 16P
   짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
Maxim Integrated Produc...
MAX13485E MAXIM-MAX13485E Datasheet
276Kb / 16P
   Half-Duplex RS-485/RS-422 Transceivers in uDFN
Rev 0; 1/07
MAX33046E MAXIM-MAX33046E Datasheet
390Kb / 16P
   20Mbps, Half-Duplex RS-485/RS-422 Transceivers with 짹40kV ESD Protection
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com