Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56F827 Datasheet(PDF) 5 Page - Motorola, Inc

Part # DSP56F827
Description  Preliminary Technical Data DSP56F826 16-bit Digital Signal Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56F827 Datasheet(HTML) 5 Page - Motorola, Inc

  DSP56F827 Datasheet HTML 1Page - Motorola, Inc DSP56F827 Datasheet HTML 2Page - Motorola, Inc DSP56F827 Datasheet HTML 3Page - Motorola, Inc DSP56F827 Datasheet HTML 4Page - Motorola, Inc DSP56F827 Datasheet HTML 5Page - Motorola, Inc DSP56F827 Datasheet HTML 6Page - Motorola, Inc DSP56F827 Datasheet HTML 7Page - Motorola, Inc DSP56F827 Datasheet HTML 8Page - Motorola, Inc DSP56F827 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 44 page
background image
Introduction
DSP56F826 Preliminary Technical Data
5
Part 2 Signal/Connection Descriptions
2.1 Introduction
The input and output signals of the DSP56F826 are organized into functional groups, as shown in Table 2
and as illustrated in Figure 2. In Table 3 describes the signal or signals present on a pin.
Table 2. Functional Group Pin Allocations
Functional Group
Number of Pins
Power (VDD , VDDIO or VDDA)
(3,4,1)
Ground (VSS , VSSIO or VSSA )
(3,4,1)
PLL and Clock
3
Address Bus1
16
Data Bus
16
Bus Control
4
Interrupt and Program Control
5
Dedicated General Purpose Input/Output
16
Synchronous Serial Interface (SSI) Port
6
Serial Peripheral Interface (SPI) Port1
1.
Alternately, GPIO pins
4
Serial Communications Interface (SCI) Ports
4
Quad Timer Module Ports
4
JTAG/On-Chip Emulation (OnCE)
6


Similar Part No. - DSP56F827

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56F827 FREESCALE-DSP56F827 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
logo
Motorola, Inc
DSP56F827/D MOTOROLA-DSP56F827/D Datasheet
1Mb / 52P
   56F827 16-bit Hybrid Controller
logo
Freescale Semiconductor...
DSP56F827E FREESCALE-DSP56F827E Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
logo
Motorola, Inc
DSP56F827E/D MOTOROLA-DSP56F827E/D Datasheet
1Mb / 52P
   56F827 16-bit Hybrid Controller
logo
Freescale Semiconductor...
DSP56F827FG80 FREESCALE-DSP56F827FG80 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
More results

Similar Description - DSP56F827

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
56F8357 MOTOROLA-56F8357 Datasheet
1Mb / 160P
   16-bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56603 FREESCALE-DSP56603 Datasheet
247Kb / 4P
   16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56F801 MOTOROLA-DSP56F801 Datasheet
343Kb / 40P
   16-bit Digital Signal Processor
DSP56156 MOTOROLA-DSP56156 Datasheet
1,020Kb / 76P
   16-bit Digital Signal Processor
logo
Zilog, Inc.
Z89390 ZILOG-Z89390 Datasheet
74Kb / 11P
   16-BIT DIGITAL SIGNAL PROCESSOR
Z89C00 ZILOG-Z89C00 Datasheet
179Kb / 28P
   16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56F802 MOTOROLA-DSP56F802 Datasheet
386Kb / 32P
   DSP56F802 16-bit Digital Signal Processor
DSP56852 MOTOROLA-DSP56852 Datasheet
1,004Kb / 44P
   DSP56852 16-bit Digital Signal Processor
DSP56824DS MOTOROLA-DSP56824DS Datasheet
1Mb / 62P
   DSP56824 16-Bit Digital Signal Processor
logo
Zilog, Inc.
Z89320 ZILOG-Z89320 Datasheet
77Kb / 7P
   16-BIT DSP DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com