Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5522 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS5522
Description  11-Bit, 125-MSPS Analog-To-Digital Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5522 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS5522 Datasheet HTML 2Page - Burr-Brown (TI) ADS5522 Datasheet HTML 3Page - Burr-Brown (TI) ADS5522 Datasheet HTML 4Page - Burr-Brown (TI) ADS5522 Datasheet HTML 5Page - Burr-Brown (TI) ADS5522 Datasheet HTML 6Page - Burr-Brown (TI) ADS5522 Datasheet HTML 7Page - Burr-Brown (TI) ADS5522 Datasheet HTML 8Page - Burr-Brown (TI) ADS5522 Datasheet HTML 9Page - Burr-Brown (TI) ADS5522 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
www.ti.com
TIMING CHARACTERISTICS
(1) (2)
ADS5510
SLAS499 – JANUARY 2007
Typical values given at T
A = 25°C, min and max specified over the full recommended operating temperature range, AVDD =
DRV
DD = 3.3 V, sampling rate = 125 MSPS, 50% clock duty cycle, 3-VPP differential clock, and CLOAD = 10 pF, unless
otherwise noted
PARAMETER
DESCRIPTION
MIN
TYP
MAX
UNIT
Switching Specification
tA
Aperture delay
Input CLK falling edge to data sampling point
1
ns
Aperture jitter (uncertainty)
Uncertainty in sampling instant
300
fs
tSETUP
Data setup time
Data valid(3) to 50% of CLKOUT rising edge
2.3
2.7
ns
50% of CLKOUT rising edge to data becoming
1.7
2
ns
tHOLD
Data hold time
invalid(3)
Input clock to output data
tSTART
Input clock rising edge to data valid start delay
2
2.6
ns
valid start (4)(5)
Input clock to output data
tEND
Input clock rising edge to data valid end delay
5.8
6.9
ns
valid end (4)(5)
tJIT
Output clock jitter
Uncertainty in CLKOUT rising edge, peak-to-peak
150
210
psPP
tr
Output clock rise time
Rise time of CLKOUT from 20% to 80% of DRVDD
1.7
1.9
ns
tf
Output clock fall time
Fall time of CLKOUT from 80% to 20% of DRVDD
1.5
1.7
ns
tPDI
Input clock to output clock
Input clock rising edge, zero crossing, to output
4.2
4.8
5.5
ns
delay
clock rising edge 50%
tr
Data rise time
Data rise time measured from 20% to 80% of
3.6
4.6
ns
DRVDD
tf
Data fall time
Data fall time measured from 80% to 20% of
2.8
3.7
ns
DRVDD
Output enable(OE) to data
Time required for outputs to have stable timings
1000
Clock
output delay
with regard to input clock(6) after OE is activated
cycles
Time to valid data after coming out of software
1000
power down
Clock
Wakeup time
cycles
Time to valid data after stopping and restarting the
1000
clock
Clock
Latency
Time for a sample to propagate to the ADC outputs
17.5
cycles
(1)
Timing parameters are ensured by design and characterization, and not tested in production.
(2)
See Table 5 through Table 8 in the Application Information section for timing information at additional sampling frequencies.
(3)
Data valid refers to 2 V for LOGIC HIGH and 0.8 V for LOGIC LOW.
(4)
See the Output Information section for details on using the input clock for data capture.
(5)
These specifications apply when the CLKOUT polarity is set to rising edge (according to Table 2). Add 1/2 clock period for the valid
number for a falling edge CLKOUT polarity.
(6)
Data outputs are available within a clock from assertion of OE; however, it takes 1000 clock cycles to ensure stable timing with respect
to input clock.
6
Submit Documentation Feedback


Similar Part No. - ADS5522

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5522 BURR-BROWN-ADS5522 Datasheet
401Kb / 30P
   14-Bit, 80MSPS Analog-to-Digital Converter
ADS5522 BURR-BROWN-ADS5522 Datasheet
274Kb / 20P
   12-Bit, 105MSPS Analog-toDigital Converter
ADS5522 BURR-BROWN-ADS5522 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5522 TI-ADS5522 Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
ADS5522 TI1-ADS5522 Datasheet
1Mb / 32P
[Old version datasheet]   12-Bit, 80 MSPS Analog-To-Digital Converter
More results

Similar Description - ADS5522

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5510 BURR-BROWN-ADS5510_07 Datasheet
995Kb / 30P
   11-Bit, 125-MSPS Analog-To-Digital Converter
logo
Texas Instruments
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5500-EP TI1-ADS5500-EP Datasheet
932Kb / 36P
[Old version datasheet]   14-BIT 125-MSPS Analog-to-digital Converter
ADS5520IPAP TI1-ADS5520IPAP Datasheet
1Mb / 38P
[Old version datasheet]   12-Bit, 125 MSPS Analog-To-Digital Converter
THS5671A TI-THS5671A Datasheet
825Kb / 31P
[Old version datasheet]   14-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
THS5651A TI-THS5651A Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5661A TI-THS5661A Datasheet
814Kb / 31P
[Old version datasheet]   12-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
THS5651A TI1-THS5651A_09 Datasheet
953Kb / 33P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDAC DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
AD9230-11 AD-AD9230-11_17 Datasheet
655Kb / 29P
   11-Bit, 200 MSPS, 1.8 V Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com