Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5B36-04 Datasheet(PDF) 5 Page - Analog Devices

Part # 5B36-04
Description  Isolated, Potentiometer Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B36-04 Datasheet(HTML) 5 Page - Analog Devices

  5B36-04 Datasheet HTML 1Page - Analog Devices 5B36-04 Datasheet HTML 2Page - Analog Devices 5B36-04 Datasheet HTML 3Page - Analog Devices 5B36-04 Datasheet HTML 4Page - Analog Devices 5B36-04 Datasheet HTML 5Page - Analog Devices 5B36-04 Datasheet HTML 6Page - Analog Devices 5B36-04 Datasheet HTML 7Page - Analog Devices 5B36-04 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5B36
Rev. 0 | Page 5 of 8
PIN CONFIGURATIONS AND FUNCTIONAL DESCRIPTIONS
Figure 3 5B36 Input Field Connections
Table 1. Pin Function Descriptions—
Pin No.
Description
1
n/c
2
LO
3
HIGH
4
EXC +
Figure 4 . Model 5B Series Module, with pin-out assignments.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the human
body and test equipment and can discharge without detection. Although this product features proprietary ESD
protection circuitry, permanent damage may occur on devices subjected to high energy electrostatic discharges.
Therefore, proper ESD precautions are recommended to avoid performance degradation or loss of functionality.


Similar Part No. - 5B36-04

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B36 AD-5B36_15 Datasheet
691Kb / 8P
   Isolated, Potentiometer Input
REV. 0
More results

Similar Description - 5B36-04

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B36 AD-5B36_15 Datasheet
691Kb / 8P
   Isolated, Potentiometer Input
REV. 0
logo
M-System Co.,Ltd.
MP1800-1823 MSYSTEM-MP1800-1823 Datasheet
87Kb / 4P
   POTENTIOMETER INPUT LIMIT ALARM
logo
Central Technologies
CTDD2727DF-S1R5K-5M CT-CTDD2727DF-S1R5K-5M Datasheet
271Kb / 2P
   Wide Input Isolated
CTDD3220DF-S1R5K-3 CT-CTDD3220DF-S1R5K-3 Datasheet
278Kb / 2P
   Wide Input Isolated
logo
Analog Devices
3B45 AD-3B45 Datasheet
359Kb / 8P
   Isolated Frequency Input
REV. 0
3B37 AD-3B37 Datasheet
346Kb / 8P
   Isolated, Thermocouple Input
REV. 0
7B31 AD-7B31 Datasheet
533Kb / 8P
   Isolated Voltage Input
REV. 0
3B45 AD-3B45_15 Datasheet
364Kb / 8P
   Isolated Frequency Input
REV. 0
logo
Central Technologies
CTDD3220DF-D1R5K-6M CT-CTDD3220DF-D1R5K-6M Datasheet
282Kb / 2P
   Wide Input Isolated
CTDD3220DF-S1R5K-6M CT-CTDD3220DF-S1R5K-6M Datasheet
284Kb / 2P
   Wide Input Isolated
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com