Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32561J6683M Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # B32561J6683M
Description  Metallized Polyester Film Capacitors (MKT) Uncoated (Silver Caps)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

B32561J6683M Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  B32561J6683M Datasheet HTML 1Page - Siemens Semiconductor Group B32561J6683M Datasheet HTML 2Page - Siemens Semiconductor Group B32561J6683M Datasheet HTML 3Page - Siemens Semiconductor Group B32561J6683M Datasheet HTML 4Page - Siemens Semiconductor Group B32561J6683M Datasheet HTML 5Page - Siemens Semiconductor Group B32561J6683M Datasheet HTML 6Page - Siemens Semiconductor Group B32561J6683M Datasheet HTML 7Page - Siemens Semiconductor Group B32561J6683M Datasheet HTML 8Page - Siemens Semiconductor Group B32561J6683M Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Siemens Matsushita Components
53
Extremely small dimensions
Versions with special dimensions
can be supplied at short notice
Construction
q
Dielectric: polyethylene terephthalate
(polyester)
q
Stacked-film technology
q
Uncoated
Features
q
Special dimensions available upon request
q
High pulse strength
q
Minimum tensile strength of leads
>10 N
Typical applications
q
Standard applications
q
Electronic lamp ballast circuits
q
Energy-saving lamps
q
Substitute for electrolytics in electronic
lamp ballasts (420 Vdc)
Terminals
q
Parallel wire leads, tinned
q
Also available with (3,0
± 0,5) mm
lead length upon request
Marking
Rated capacitance (coded),
rated dc voltage
Delivery mode
Bulk (untaped)
Taped (AMMO pack or reel) for
lead spacing
≤ 15,0 mm.
For notes on taping, refer to page 279.
Detail specification
Homologated in accordance with CECC 30 401-007
Notes on mounting
When mounting these capacitors, take into account creepage distances and clearances to adjacent
live parts. The insulating strength of the cut surfaces to other live parts of the circuit is 1,5 times the
capacitors rated dc voltage, but is always at least 300 Vdc.
Capacitors with 7,5 mm lead spacing are only suitable for use with single-clad printed circuit boards.
Dimensions in mm
Lead spacing
± 0,4
Diameter
d1
Type
7,5
0,5
B 32 560
10,0
0,5
B 32 561
15,0
0,6
B 32 562
22,5
0,8
B 32 563
27,5
0,8
B 32 564
Cut
surfaces
Metallized Polyester Film Capacitors (MKT)
Uncoated (Silver Caps)
B 32 560 … B 32 564
Jump to preceding page


Similar Part No. - B32561J6683M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32561J6683 EPCOS-B32561J6683 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results

Similar Description - B32561J6683M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com