Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B32561J6683M Datasheet(PDF) 5 Page - Siemens Semiconductor Group

Part # B32561J6683M
Description  Metallized Polyester Film Capacitors (MKT) Uncoated (Silver Caps)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

B32561J6683M Datasheet(HTML) 5 Page - Siemens Semiconductor Group

  B32561J6683M Datasheet HTML 1Page - Siemens Semiconductor Group B32561J6683M Datasheet HTML 2Page - Siemens Semiconductor Group B32561J6683M Datasheet HTML 3Page - Siemens Semiconductor Group B32561J6683M Datasheet HTML 4Page - Siemens Semiconductor Group B32561J6683M Datasheet HTML 5Page - Siemens Semiconductor Group B32561J6683M Datasheet HTML 6Page - Siemens Semiconductor Group B32561J6683M Datasheet HTML 7Page - Siemens Semiconductor Group B32561J6683M Datasheet HTML 8Page - Siemens Semiconductor Group B32561J6683M Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Siemens Matsushita Components
57
MKT
10
Capacitance tolerance:
± 20 % =ˆ M, ± 10 % =ˆ K, ± 5 % =ˆ J
Special dimensions available upon request. For corresponding design rules, refer to page 238.
Ordering codes and packing units, lead spacing 10 mm
VR
(
Vrms,
f
≤ 60 Hz)
CR
Maximum
dimensions
b
× h × l (mm)
Ordering code1)
Packing units (pcs)
Ammo
pack
Reel
Untaped
100 Vdc
(63 Vac)
0,33
µF 2,5 × 5,2 × 11,5
B32561-J1334-+*** 1750
2400
1600
0,47
µF 2,9 × 5,8 × 11,5
B32561-J1474-+*** 1560
2300
1200
0,68
µF 3,6 × 6,3 × 11,5
B32561-J1684-+*** 1260
2000
1000
1,0
µF
4,5
× 6,9 × 11,5
B32561-J1105-+*** 1050
1500
500
1,5
µF
5,6
× 7,8 × 11,5
B32561-J1155-+***
810
1200
500
2,2
µF
6,9
× 9,0 × 11,5
B32561-J1225-+
400
250 Vdc
(160 Vac)
47 nF
2,5
× 4,4 × 11,5
B32561-J3473-+
2)
2)
2300
68 nF
2,5
× 4,8 × 11,5
B32561-J3683-+*** 1760
2400
1800
0,10
µF 2,8 × 5,3 × 11,5
B32561-J3104-+*** 1600
2300
1300
0,15
µF 3,3 × 6,0 × 11,5
B32561-J3154-+*** 1300
2000
1000
0,22
µF 4,2 × 6,6 × 11,5
B32561-J3224-+*** 1040
1600
700
0,33
µF 5,2 × 7,5 × 11,5
B32561-J3334-+***
850
1300
500
0,47
µF 6,3 × 8,5 × 11,5
B32561-J3474-+***
700
1000
400
400 Vdc
(200 Vac)
10 nF
2,5
× 5,1 × 11,5
B32561-J6103-+*** 1760
2400
1700
15 nF
2,5
× 5,1 × 11,5
B32561-J6153-+*** 1830
2500
2000
22 nF
2,5
× 5,1 × 11,5
B32561-J6223-+*** 1830
2500
2000
33 nF
2,5
× 5,1 × 11,5
B32561-J6333-+*** 1760
2400
1700
47 nF
2,6
× 6,0 × 11,5
B32561-J6473-+*** 1760
2400
1300
68 nF
3,2
× 6,6 × 11,5
B32561-J6683-+*** 1390
2100
1000
0,10
µF 4,0 × 6,9 × 11,5
B32561-J6104-+*** 1090
1700
700
0,15
µF 5,2 × 7,7 × 11,5
B32561-J6154-+***
850
1300
500
0,22
µF 6,6 × 8,5 × 11,5
B32561-J6224-+
300
1) Replace the + by the code letter for the required capacitance tolerance.
Replace the *** by the code number for the required packing: Ammo pack = 289, reel = 189
The ordering code for untaped components ends after the tolerance code letter.
2) Taping upon request
B 32 561


Similar Part No. - B32561J6683M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32561J6683 EPCOS-B32561J6683 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
More results

Similar Description - B32561J6683M

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com