Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8626-68C Datasheet(PDF) 1 Page - Filtran LTD

Part # 8626-68C
Description  CHOKE Power Chokes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

8626-68C Datasheet(HTML) 1 Page - Filtran LTD

  8626-68C Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
CHOKE
An ISO 9001 Registered Company
The 8626 series of SMD chokes is designed to cover an inductance range from
10µH to 1000µH with rated saturation currents from 0.18A to 1.84A. These are
ideally suited for applications where shielding is required.
• DC/DC converters
• LCD displays
• PDA Palm Tops
• Telecommunication equipment etc.
Power Chokes
8626-XXX
Mechanical (All dimensions in millimeters)
Part
Number
Inductance
(µH)
DCR
(Ω MAX)
Rated DC
Current (A)
8626-10B
10
49m
1.84
8626-12B
12
58m
1.71
8626-15B
15
81m
1.47
8626-18B
18
91m
1.31
8626-22B
22
0.11
1.23
8626-27B
27
0.15
1.12
8626-33B
33
0.17
0.96
8626-39B
39
0.23
0.91
8626-47B
47
0.26
0.88
8626-56B
56
0.35
0.75
8626-68B
68
0.38
0.69
8626-82B
82
0.43
0.61
Part
Number
Inductance
(µH)
DCR
(Ω MAX)
Rated DC
Current (A)
8626-10C
100
0.61
0.60
8626-12C
120
0.66
0.52
8626-15C
150
0.88
0.46
8626-18C
180
0.98
0.42
8626-22C
220
1.17
0.36
8626-27C
270
1.64
0.34
8626-33C
330
1.86
0.32
8626-39C
390
2.85
0.29
8626-47C
470
3.01
0.26
8626-56C
560
3.62
0.23
8626-68C
680
4.63
0.22
8626-82C
820
5.20
0.20
8626-10D
1000
6.00
0.18
ELECTRICAL SPECIFICATION @ 25˚C


Similar Part No. - 8626-68C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8626 ETC2-8626 Datasheet
367Kb / 1P
   LEVER ACTION PC CARD EJECTORS
logo
Littelfuse
8626 LITTELFUSE-8626 Datasheet
238Kb / 1P
   STOPLAMP PUSH BUTTON SWITCHES
2019 Rev: 021219
logo
Christian Bürkert GmbH ...
8626 BURKERT-8626 Datasheet
2Mb / 16P
   Mass flow controller for gases (MFC)
27.09.2021
logo
Molex Electronics Ltd.
86265 MOLEX-86265 Datasheet
144Kb / 2P
   PM (Polarization Maintaining) Fiber Assemblies
More results

Similar Description - 8626-68C

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8625-XXX FILTRAN-8625-XXX Datasheet
151Kb / 1P
   CHOKE Power Chokes
8627-XXX FILTRAN-8627-XXX Datasheet
151Kb / 1P
   CHOKE Power Chokes
8628-XXX FILTRAN-8628-XXX Datasheet
152Kb / 1P
   CHOKE Power Chokes
8420 FILTRAN-8420 Datasheet
103Kb / 1P
   CHOKE Current Compensated Chokes
8490 FILTRAN-8490 Datasheet
103Kb / 1P
   CHOKE Differential Mode Suppression Chokes
logo
Allied Components Inter...
ACM0806CS ALLIED-ACM0806CS Datasheet
327Kb / 1P
   COMMON MODE CHOKES Common mode choke for power application
ACM0433CI ALLIED-ACM0433CI Datasheet
572Kb / 1P
   COMMON MODE CHOKES Common mode choke for power application
ACM0406CI ALLIED-ACM0406CI Datasheet
537Kb / 1P
   COMMON MODE CHOKES Common mode choke for power application
ACM0802CS ALLIED-ACM0802CS Datasheet
331Kb / 1P
   COMMON MODE CHOKES Common mode choke for power application
ACM0803CS ALLIED-ACM0803CS Datasheet
301Kb / 1P
   COMMON MODE CHOKES Common mode choke for power application
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com