Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317M Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # LM317M
Description  3-Terminal 0.5A Positive Adjustable Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

LM317M Datasheet(HTML) 2 Page - Fairchild Semiconductor

  LM317M Datasheet HTML 1Page - Fairchild Semiconductor LM317M Datasheet HTML 2Page - Fairchild Semiconductor LM317M Datasheet HTML 3Page - Fairchild Semiconductor LM317M Datasheet HTML 4Page - Fairchild Semiconductor LM317M Datasheet HTML 5Page - Fairchild Semiconductor LM317M Datasheet HTML 6Page - Fairchild Semiconductor LM317M Datasheet HTML 7Page - Fairchild Semiconductor LM317M Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LM317M
2
Absolute Maximum Ratings
Electrical Characteristics
(VI-VO = 5V, IO = 0.1A, 0
°C ≤ TJ ≤ +125°C, PDMAX = 7.5W, unless otherwise specified)
Note:
1. Thermal resistance test board
Size: 76.2mm * 114.3mm * 1.6mm(1S0P)
JEDEC standard: JESD51-3, JESD51-7
2. Assume no ambient airflow.
3. Load and Line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty cycle is used.
4. CADJ, when used, is connected between the adjustment pin and ground.
Parameter
Symbol
Value
Unit
Input-Output Voltage Differential
VI - VO
40
V
Power Dissipation
PD
Internally Limited
W
Thermal Resistance Junction-Air
D-PAK (Note1,2)
R
θJA
100
°C/W
Operating JunctionTemperature Range
Tj
0 ~ +125
°C
Storage Temperature Range
TSTG
-65 ~ +125
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Line Regulation (Note3)
Rline
TA = +25
°C, 3V ≤ VI −VO ≤ 40V
-
0.01
0.04
%/ V
3V
≤ VI −VO ≤ 40V
-
0.02
0.07
Load Regulation (Note3)
Rload
TA =+25
°C, 10mA ≤ IO ≤ 0.5A
VO
≤ 5V
VO
≥ 5V
-5
0.1
25
0.5
mV
%/ VO
10mA
≤ IO ≤ 0.5A
VO
≤ 5V
VO
≥ 5V
-20
0.3
70
1.5
mV
%/ VO
Adjustment Pin Current
IADJ
-
-
50
100
uA
Adjustment Pin Current Change
∆IADJ
3V
≤ VI - VO ≤ 40V
10mA
≤ IO ≤ 0.5A, PD < PDMAX
-0.2
5
uA
Reference Voltage
VREF
3V
< VI - VO < 40V
10mA
≤ IO ≤ 0.5A, PD < PDMAX
1.20
1.25
1.30
V
Temperature Stability
STT
-
-0.7
-
%/ VO
Minimum Load Current to
Maintain Regulation
IL(MIN)
VI - VO
= 40V
-
3.5
10
mA
Maximum Output Current
IO(MAX)
VI - VO
≤ 15V, PD < PDMAX
0.5
0.9
-
VI - VO
= 40V
PD
< PDMAX, TA =+25°C
0.15
0.25
-
A
RMS Noise, % of VOUT
eN
TA = +25
°C, 10Hz < f < 10KHz
-
0.003
-
%/ VO
Ripple Rejection
RR
VO = 10V, f = 120Hz
without CADJ
CADJ = 10uF (Note4)
66
65
80
-dB
Long-Term Stability
ST
TJ =+125
°C, 1000Hours
-
0.3
1
%/1000Hrs


Similar Part No. - LM317M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317M ONSEMI-LM317M Datasheet
232Kb / 16P
   Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
logo
E-Tech Electronics LTD
LM317M ETL-LM317M Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
STMicroelectronics
LM317M STMICROELECTRONICS-LM317M Datasheet
115Kb / 11P
   MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
September 1997
logo
ON Semiconductor
LM317M ONSEMI-LM317M Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

Similar Description - LM317M

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM317M UTC-LM317M Datasheet
355Kb / 6P
   3-TERMINAL 0.5A POSITIVE ADJUSTABLE REGULATOR
logo
Fairchild Semiconductor
LM317M FAIRCHILD-LM317M_11 Datasheet
247Kb / 8P
   3-Terminal 0.5A Positive Adjustable Regulator
KA317M FAIRCHILD-KA317M Datasheet
222Kb / 8P
   3-Terminal 0.5A Positive Adjustable Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_09 Datasheet
284Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC78MXX FAIRCHILD-MC78MXX_09 Datasheet
278Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
KA78M05RTF FAIRCHILD-KA78M05RTF Datasheet
94Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
logo
Unisonic Technologies
78MXX UTC-78MXX_V01 Datasheet
357Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
78MXX UTC-78MXX_11 Datasheet
336Kb / 10P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
78MXX ETL-78MXX Datasheet
344Kb / 9P
   3-TERMINAL 0.5A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78MXX FAIRCHILD-KA78MXX_02 Datasheet
91Kb / 14P
   3-Terminal 0.5A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com