Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


LM317L Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. LM317L
Description  3-Terminal 0.1A Positive Adjustable Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

   
 1 page
background image
©2002 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2
Features
• Output Current in Excess of 100mA
• Output Adjustable Between 1.2V and 37V
• Internal Thermal Overload Protection
• Internal Short Circuit Current Limiting
• Output Transistor Safe Area Compensation
• Floating Operation For High Voltage Applications
Description
The LM317L is a 3-terminal adjustable positive voltage
regulator capable of supplying in excess of 100mA over an
output voltage range of 1 .2V to 37V. This voltage regulator
is exceptionally easy to use and requires only two external
resistors to set the output voltage.
TO-92
1. Adj 2. Output 3. Input
1
1
8-SOP
1. Input 2.3.6.7. Output
4. Adj 5.8. NC
Internal Block Diagram
Rlimit
3
Vin
Vo
1
Voltage
Reference
Vadj
2
Protection
Circuitry
+
-
Input
Output
LM317L
3-Terminal 0.1A Positive Adjustable Regulator




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM3173-Terminal Positive Adjustable Regulator 1 2 3 4 5 Fairchild Semiconductor
LM3173-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
LM317LADJUSTABLE VOLTAGE REGULATOR POSITIVE 1 2 3 HTC Korea TAEJIN Technology Co.
LM317CM3-Terminal Adjustable Output Positive Voltage Regulators 1 2 3 4 5 MoreVishay Siliconix
PT78ST1001.5 Amp Positive Step-Down Integrated Switching Regulator 1 2 3 4 TI store
LD1117LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
TL432Low Voltage 1.24V Adjustable Precision Shunt Regulator 1 2 3 4 5 HTC Korea TAEJIN Technology Co.
LM78003-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
SPX431APrecision Adjustable Shunt Regulator 1 2 3 4 5 MoreSipex Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl