Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G57GW Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74AUP1G57GW
Description  Low-power configurable multiple function gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G57GW Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74AUP1G57GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 11Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 12Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 13Page - NXP Semiconductors 74AUP1G57GW Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
74AUP1G57_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 — 16 January 2006
10 of 22
Philips Semiconductors
74AUP1G57
Low power configurable multiple function gate
[1]
All typical values are measured at nominal VCC.
[2]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
[3]
The condition is VI = GND to VCC.
Tamb = 25 °C; CL = 30 pF
tPHL, tPLH
HIGH-to-LOW and
LOW-to-HIGH propagation
delay A, B and C to Y
see Figure 12
VCC = 0.8 V
-
37.8
-
ns
VCC = 1.1 V to 1.3 V
4.6
10.4
20.9
ns
VCC = 1.4 V to 1.6 V
3.6
7.4
12.2
ns
VCC = 1.65 V to 1.95 V
3.5
6.2
9.9
ns
VCC = 2.3 V to 2.7 V
3.4
5.2
7.4
ns
VCC = 3.0 V to 3.6 V
3.2
4.9
6.6
ns
Tamb = 25 °C
CPD
power dissipation capacitance f = 1 MHz
[2] [3]
VCC = 0.8 V
-
2.9
-
pF
VCC = 1.1 V to 1.3 V
-
3.0
-
pF
VCC = 1.4 V to 1.6 V
-
3.2
-
pF
VCC = 1.65 V to 1.95 V
-
3.4
-
pF
VCC = 2.3 V to 2.7 V
-
3.9
-
pF
VCC = 3.0 V to 3.6 V
-
4.5
-
pF
Table 10:
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 13
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit


Similar Part No. - 74AUP1G57GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G57GW NXP-74AUP1G57GW Datasheet
109Kb / 19P
   Low-power configurable multiple function gate
Rev. 03-22 June 2009
74AUP1G57GW NXP-74AUP1G57GW Datasheet
190Kb / 22P
   Low-power configurable multiple function gate
Rev. 4-20 July 2010
logo
Nexperia B.V. All right...
74AUP1G57GW NEXPERIA-74AUP1G57GW Datasheet
294Kb / 20P
   Low-power configurable multiple function gate
Rev. 10 - 21 January 2022
logo
NXP Semiconductors
74AUP1G57GWAC NXP-74AUP1G57GWAC Datasheet
190Kb / 22P
   Low-power configurable multiple function gate
Rev. 4-20 July 2010
More results

Similar Description - 74AUP1G57GW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G98 TI-SN74AUP1G98_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74AUP1G97 NXP-74AUP1G97_11 Datasheet
188Kb / 22P
   Low-power configurable multiple function gate
Rev. 6-10 January 2011
logo
Texas Instruments
SN74AUP1G57 TI1-SN74AUP1G57_15 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Power Configurable Multiple-Function Gate
logo
Nexperia B.V. All right...
74AXP1G97 NEXPERIA-74AXP1G97 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97 Datasheet
380Kb / 18P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G97GS NXP-74LVC1G97GS Datasheet
145Kb / 20P
   Low-power configurable multiple function gate
Rev. 3-7 December 2011
logo
Texas Instruments
SN74AUP1G97 TI-SN74AUP1G97_10 Datasheet
1Mb / 26P
[Old version datasheet]   LOW-POWER CONFIGURABLE MULTIPLE-FUNCTION GATE
logo
NXP Semiconductors
74LVC1G58 NXP-74LVC1G58 Datasheet
100Kb / 18P
   Low-power configurable multiple function gate
Rev. 03-27 August 2007
logo
Nexperia B.V. All right...
74LVC1G57-Q100 NEXPERIA-74LVC1G57-Q100 Datasheet
837Kb / 16P
   Low-power configurable multiple function gate
74LVC1G97 NEXPERIA-74LVC1G97 Datasheet
281Kb / 20P
   Low-power configurable multiple function gate
74AXP1G58 NEXPERIA-74AXP1G58 Datasheet
874Kb / 18P
   Low-power configurable multiple function gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com