Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

843203MTR27 Datasheet(PDF) 4 Page - Filtran LTD

Part # 843203MTR27
Description  WIRE WOUND Ceramic Chip Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

843203MTR27 Datasheet(HTML) 4 Page - Filtran LTD

  843203MTR27 Datasheet HTML 1Page - Filtran LTD 843203MTR27 Datasheet HTML 2Page - Filtran LTD 843203MTR27 Datasheet HTML 3Page - Filtran LTD 843203MTR27 Datasheet HTML 4Page - Filtran LTD 843203MTR27 Datasheet HTML 5Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
WIRE WOUND
Ceramic Chip Inductor
8432 Series
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
Page 4 of 5
0603 Wire Wound Chip Inductors
ELECTRICAL SPECIFICATIONS @ 25˚C
900 MHz
1.7 GHz
Inductance
(nH)
Tol %
Q
Min
SRF
Min.
(MHz)
RDC
Max.
(
Ω)
IDC
Max.
(mA)
L
Typ
Q
Typ
L
Typ
Q
Typ
Color
1.6
10
24
12500
0.030
700
1.67
49
1.65
63
Re
1.8
10
16
12500
0.045
700
1.63
35
1.66
50
Bk
3.6
10
22
5900
0.063
700
3.72
53
3.71
65
Re
3.9
10
22
6900
0.080
700
3.95
49
3.96
67
Br
4.3
10
22
5900
0.063
700
4.32
50
4.33
70
Or
4.7
10
20
5800
0.116
700
4.72
47
4.75
57
Vit
5.1
10
20
5700
0.140
700
4.93
47
4.95
56
Gr
6.3
10
20
5700
0.140
700
5.5
47
6.1
60
Wt
6.8
10
27
5800
0.110
700
6.75
60
7.1
81
Re
7.5
10
28
4800
0.106
700
7.70
60
7.82
65
Br
8.2
10
28
4700
0.109
700
8.30
60
8.50
60
Wt
8.7
5
28
4600
0.109
700
8.86
62
9.32
58
Ye
9.5
5
28
5400
0.135
700
9.70
59
9.92
61
Bk
10
5
31
4800
0.130
700
10
66
10.6
83
Or
11
5
33
4000
0.086
700
11
53
11.5
56
Gry
12
5
35
4000
0.130
700
12.3
72
13.5
83
Ye
15
5
35
4000
0.170
700
15.4
64
16.8
89
Gr
16
5
34
3300
0.104
700
16.2
55
17.3
52
Wt
18
5
35
3100
0.170
700
18.7
70
21.4
69
Bk
22
5
38
3000
0.190
700
22.8
73
26.1
71
Vit
24
5
37
2650
0.135
700
24.5
45
28.7
39
Bk
27
5
40
2800
0.220
600
29.2
74
34.6
65
Gry
30
5
37
2250
0.114
600
31.4
47
39.9
28
Br
33
5
40
2300
0.220
600
36
67
49.5
42
Wt
36
5
38
2080
0.250
600
39.4
47
52.7
24
Re
39
5
40
2200
0.250
600
42.7
60
60.2
40
Bk
43
5
39
2000
0.280
600
47
44
64.9
21
Or
47
5
38
2000
0.280
600
52.2
62
77.2
35
Br
56
5
38
1900
0.310
600
62.5
56
97
26
Re
68
5
37
1700
0.340
600
80.5
54
168
21
Or
72
5
34
1700
0.490
400
82
53
135
20
Ye
82
5
34
1700
0.540
400
96.2
54
177
21
Gr
100
5
34
1400
0.580
400
124
49
Bk
110
5
32
1350
0.610
300
138
43
Vit
120
5
32
1300
0.650
300
166
39
Gry
150
5
28
990
0.920
280
250
25
Wt
180
5
25
990
1.250
240
305
22
Bk
220
5
25
900
1.900
200
480
8
Br
270
5
24
900
2.800
170
980
4
Re
When ordering, please specify tolerance and packaging codes.
Ex:
8432-03JT3N3
Tolerance: G =
±2%, J = ±5%, K = ±10%, M = ±20%
Packaging: Clear tape and reel (standard).
Operating temperature range: -40 ˚C to 125 ˚C
Continued


Similar Part No. - 843203MTR27

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
84320-01 RENESAS-84320-01 Datasheet
566Kb / 23P
   780MHZ, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
5/26/16
logo
Integrated Device Techn...
843201-375 IDT-843201-375 Datasheet
267Kb / 19P
   FemtoClock짰 Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
logo
Renesas Technology Corp
843201-375 RENESAS-843201-375 Datasheet
470Kb / 20P
   FemtoClock® Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
8/21/15
logo
Integrated Device Techn...
843201AG-375LF IDT-843201AG-375LF Datasheet
267Kb / 19P
   FemtoClock짰 Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
843201AG-375LFT IDT-843201AG-375LFT Datasheet
267Kb / 19P
   FemtoClock짰 Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
More results

Similar Description - 843203MTR27

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0805CS ETC-0805CS Datasheet
120Kb / 3P
   WIRE WOUND CHIP INDUCTOR CERAMIC
logo
Delta Electronics, Inc.
0402HS-1N0E_TS DELTA-0402HS-1N0E_TS Datasheet
501Kb / 4P
   WIRE-WOUND CHIP INDUCTOR – CERAMIC
logo
List of Unclassifed Man...
MCFT000148 ETC2-MCFT000148 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
logo
AVX Corporation
LCWC0402K101GTAR AVX-LCWC0402K101GTAR Datasheet
302Kb / 10P
   Wire Wound Chip Inductor
logo
Delta Electronics, Inc.
0805CS DELTA-0805CS Datasheet
488Kb / 5P
   WIRE-WOUND CHIP INDUCTOR
1008CS DELTA-1008CS Datasheet
119Kb / 3P
   WIRE-WOUND CHIP INDUCTOR - CERAMIC/OPEN TYPE
logo
Central Semiconductor C...
CT0603CS CENTRAL-CT0603CS Datasheet
149Kb / 1P
   SMD ceramic core wire-wound high current chip inductor
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com