Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

843208JTR27 Datasheet(PDF) 1 Page - Filtran LTD

Part # 843208JTR27
Description  WIRE WOUND Ceramic Chip Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

843208JTR27 Datasheet(HTML) 1 Page - Filtran LTD

  843208JTR27 Datasheet HTML 1Page - Filtran LTD 843208JTR27 Datasheet HTML 2Page - Filtran LTD 843208JTR27 Datasheet HTML 3Page - Filtran LTD 843208JTR27 Datasheet HTML 4Page - Filtran LTD 843208JTR27 Datasheet HTML 5Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
Ceramic body, wire wound
construction to provide
highest SRFs available in
0603 size.
Ultra-compact inductors
provide best Q values at
high frequencies.
Available in 3 sizes:
1008 for 4.7 nH to 4700 nH
0805 for 2.8 nH to 820 nH
0603 for 1.6 nH to 270 nH
WIRE WOUND
Ceramic Chip Inductor
8432 Series
MECHANICAL AND SCHEMATIC (All dimensions in millimeters)
SIZE
Range
(nH)
A
Max.
B
Max.
C
Max.
D
Ref.
EF
G
H
I
J
1008
4.7 - 4700
2.92
2.79
2.10
0.51
2.03
0.51
1.52
2.54
1.02
1.27
0805
2.8 - 820
2.29
1.73
1.52
0.51
1.27
0.51
1.02
1.78
1.02
0.76
0603
1.6 - 270
1.80
1.12
1.02
0.38
0.76
0.33
0.86
1.02
0.64
0.64
SUGGESTED PAD LAYOUT
SCHEMATIC
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
APPLICATIONS
• IF Impedance matching
• RF Oscillation circuit
• IG choke
• Circuits where large
currents flow
(IPA, LNA applications)
• Circuits where high
Q characteristics
(DCC, LNA applications)
PART NUMBERING
8432
XX
X
X
XXX
8432
Inductance Code
1N6 = 1.6 nH
82N = 82 nH
R27 = 270 nH
Packaging Code
T = Tape & Reel
G =
±2%
Inductance Tolerance Code
J =
±5%
K =
±10%
Dimension Code
8432 = Wire wound chip inductor
Part Number
M =
±20%
08 = 1008 (EIA)
05 = 0805 (EIA)
03 = 0603 (EIA)
Continued
Page 1 of 5
CONTENTS
PAGE
Mechanical & Schematic
1
Part Numbering
1
Electrical Specs - 1008
2
Electrical Specs - 0805
3
Electrical Specs - 0603
4
Environmental Characteristics 5
Packaging
5


Similar Part No. - 843208JTR27

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
84320-01 RENESAS-84320-01 Datasheet
566Kb / 23P
   780MHZ, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
5/26/16
logo
Integrated Device Techn...
843201-375 IDT-843201-375 Datasheet
267Kb / 19P
   FemtoClock짰 Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
logo
Renesas Technology Corp
843201-375 RENESAS-843201-375 Datasheet
470Kb / 20P
   FemtoClock® Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
8/21/15
logo
Integrated Device Techn...
843201AG-375LF IDT-843201AG-375LF Datasheet
267Kb / 19P
   FemtoClock짰 Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
843201AG-375LFT IDT-843201AG-375LFT Datasheet
267Kb / 19P
   FemtoClock짰 Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
More results

Similar Description - 843208JTR27

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0805CS ETC-0805CS Datasheet
120Kb / 3P
   WIRE WOUND CHIP INDUCTOR CERAMIC
logo
Delta Electronics, Inc.
0402HS-1N0E_TS DELTA-0402HS-1N0E_TS Datasheet
501Kb / 4P
   WIRE-WOUND CHIP INDUCTOR – CERAMIC
logo
List of Unclassifed Man...
MCFT000148 ETC2-MCFT000148 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
logo
AVX Corporation
LCWC0402K101GTAR AVX-LCWC0402K101GTAR Datasheet
302Kb / 10P
   Wire Wound Chip Inductor
logo
Delta Electronics, Inc.
0805CS DELTA-0805CS Datasheet
488Kb / 5P
   WIRE-WOUND CHIP INDUCTOR
1008CS DELTA-1008CS Datasheet
119Kb / 3P
   WIRE-WOUND CHIP INDUCTOR - CERAMIC/OPEN TYPE
logo
Central Semiconductor C...
CT0603CS CENTRAL-CT0603CS Datasheet
149Kb / 1P
   SMD ceramic core wire-wound high current chip inductor
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com