Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

843205JTR27 Datasheet(PDF) 3 Page - Filtran LTD

Part # 843205JTR27
Description  WIRE WOUND Ceramic Chip Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

843205JTR27 Datasheet(HTML) 3 Page - Filtran LTD

  843205JTR27 Datasheet HTML 1Page - Filtran LTD 843205JTR27 Datasheet HTML 2Page - Filtran LTD 843205JTR27 Datasheet HTML 3Page - Filtran LTD 843205JTR27 Datasheet HTML 4Page - Filtran LTD 843205JTR27 Datasheet HTML 5Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WIRE WOUND
Ceramic Chip Inductor
8432 Series
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
Page 3 of 5
0805 Wire Wound Chip Inductors
ELECTRICAL SPECIFICATIONS @ 25˚C
Inductance
(nH)
Test
Frequency
(MHz)
Q
Min.
Test
Frequency
(MHz)
SRF
Min.
(MHz)
RDC
Max.
(
Ω)
IDC
Max.
(mA)
COLOR
CODING
2.8
250
70
1500
7900
0.06
800
Gray
3.0
250
65
1500
7900
0.06
800
White
3.3
250
50
1500
7900
0.08
600
Black
5.6
250
65
1000
5500
0.08
600
Orange
6.8
250
50
1000
5500
0.11
600
Brown
7.5
250
50
1000
4500
0.14
600
Green
8.2
250
50
1000
4700
0.12
600
Red
10
250
60
500
4200
0.10
600
Blue
12
250
50
500
4000
0.15
600
Orange
15
250
50
500
3400
0.17
600
Yellow
18
250
50
500
3300
0.20
600
Green
22
250
55
500
2600
0.22
500
Blue
24
250
50
500
2000
0.22
500
Gray
27
250
55
500
2500
0.25
500
Violet
33
250
60
500
2050
0.27
500
Gray
36
250
55
500
1700
0.27
500
Orange
39
250
60
500
2000
0.29
500
White
43
200
60
500
1650
0.34
500
Yellow
47
200
60
500
1650
0.31
500
Black
56
200
60
500
1550
0.34
500
Brown
68
200
60
500
1450
0.38
500
Red
82
150
65
500
1300
0.42
400
Orange
91
150
65
500
1200
0.48
400
Black
100
150
65
500
1200
0.46
400
Yellow
110
150
50
250
1000
0.48
400
Brown
120
150
50
250
1100
0.51
400
Green
150
100
50
250
920
0.56
400
Blue
180
100
50
250
870
0.64
400
Violet
200
100
50
250
860
0.68
400
Red
220
100
50
250
850
0.70
400
Gray
240
100
44
250
690
1.00
350
Red
250
100
45
250
660
1.20
350
Yellow
270
100
48
250
650
1.30
350
White
330
100
48
250
600
1.65
310
Black
390
100
48
250
560
1.80
290
Brown
470
50
33
100
375
2.0
250
Violet
560
25
23
50
340
2.1
230
Orange
680
25
23
50
188
2.3
190
Green
820
25
18
50
215
2.5
180
Blue
When ordering, please specify tolerance and packaging codes.
Ex:
8432-05JT3N3
Tolerance: J =
±5%, K = ±10%, M = ±20%
Packaging: Clear tape and reel (standard).
Operating temperature range: -40 ˚C to 125 ˚C
COLOR CODING
Continued


Similar Part No. - 843205JTR27

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
84320-01 RENESAS-84320-01 Datasheet
566Kb / 23P
   780MHZ, Crystal-to-3.3V Differential LVPECL Frequency Synthesizer
5/26/16
logo
Integrated Device Techn...
843201-375 IDT-843201-375 Datasheet
267Kb / 19P
   FemtoClock짰 Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
logo
Renesas Technology Corp
843201-375 RENESAS-843201-375 Datasheet
470Kb / 20P
   FemtoClock® Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
8/21/15
logo
Integrated Device Techn...
843201AG-375LF IDT-843201AG-375LF Datasheet
267Kb / 19P
   FemtoClock짰 Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
843201AG-375LFT IDT-843201AG-375LFT Datasheet
267Kb / 19P
   FemtoClock짰 Crystal-to-LVPECL 375MHz Frequency Margining Synthesizer
More results

Similar Description - 843205JTR27

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
0805CS ETC-0805CS Datasheet
120Kb / 3P
   WIRE WOUND CHIP INDUCTOR CERAMIC
logo
Delta Electronics, Inc.
0402HS-1N0E_TS DELTA-0402HS-1N0E_TS Datasheet
501Kb / 4P
   WIRE-WOUND CHIP INDUCTOR – CERAMIC
logo
List of Unclassifed Man...
MCFT000148 ETC2-MCFT000148 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
logo
AVX Corporation
LCWC0402K101GTAR AVX-LCWC0402K101GTAR Datasheet
302Kb / 10P
   Wire Wound Chip Inductor
logo
Delta Electronics, Inc.
0805CS DELTA-0805CS Datasheet
488Kb / 5P
   WIRE-WOUND CHIP INDUCTOR
1008CS DELTA-1008CS Datasheet
119Kb / 3P
   WIRE-WOUND CHIP INDUCTOR - CERAMIC/OPEN TYPE
logo
Central Semiconductor C...
CT0603CS CENTRAL-CT0603CS Datasheet
149Kb / 1P
   SMD ceramic core wire-wound high current chip inductor
logo
Murata Manufacturing Co...
LQH32PN100MN0L MURATA-LQH32PN100MN0L Datasheet
91Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NPN4R7MM0L MURATA-LQH3NPN4R7MM0L Datasheet
79Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
LQH3NP MURATA-LQH3NP Datasheet
94Kb / 2P
   Chip Inductor (Chip Coil) Power Inductor (Wire Wound Type)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com