Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU505 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BU505
Description  Silicon diffused power transistors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU505 Datasheet(HTML) 4 Page - NXP Semiconductors

  BU505 Datasheet HTML 1Page - NXP Semiconductors BU505 Datasheet HTML 2Page - NXP Semiconductors BU505 Datasheet HTML 3Page - NXP Semiconductors BU505 Datasheet HTML 4Page - NXP Semiconductors BU505 Datasheet HTML 5Page - NXP Semiconductors BU505 Datasheet HTML 6Page - NXP Semiconductors BU505 Datasheet HTML 7Page - NXP Semiconductors BU505 Datasheet HTML 8Page - NXP Semiconductors BU505 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Aug 13
4
Philips Semiconductors
Product specification
Silicon diffused power transistors
BU505; BU505D
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
Note
1. Measured with a half-sinewave voltage (curve tracer).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VCEOsust
collector-emitter sustaining voltage see Figs 5 and 6
700
−−
V
VCEsat
collector-emitter saturation voltage IC = 2 A; IB = 900 mA
−−
1V
VBEsat
base-emitter saturation voltage
IC = 2 A; IB = 900 mA
−−
1.3
V
VEBO
emitter-base voltage
IE = 10 mA; IC =0
6
V
VF
diode forward voltage (BU505D)
IF =2A
−−
1.8
V
ICES
collector-emitter cut-off current
VCE =VCESmax; VBE =0;
note 1
−−
0.15
mA
VCE =VCESmax; VBE =0;
Tj = 125 °C; note 1
−−
1mA
IEBO
emitter-base cut-off current
VEB =5V; IC =0
−−
1mA
hFE
DC current gain
VCE =5V; IC = 100 mA
6
13
30
fT
transition frequency
VCE =5V; IC = 100 mA;
f=5MHz
7
MHz
Cc
collector capacitance
VCB = 10 V; IE =ie =0;
f=1MHz
65
pF
Switching times in horizontal deflection circuit (see Fig.7)
ts
storage time
ICM = 2 A; IB(end) = 900 mA;
Vdr = −4V
LB =10 µH
6.5
−µs
LB =15 µH
7.5
−µs
LB =25 µH
9.5
−µs
tf
fall time
ICM = 2 A; IB(end) = 900 mA;
Vdr = −4V
LB =10 µH
0.9
−µs
LB =15 µH
0.9
−µs
LB =25 µH
0.85
−µs


Similar Part No. - BU505

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU505 STMICROELECTRONICS-BU505 Datasheet
61Kb / 4P
   HIGH VOLTAGE NPN MULTIEPITAXIAL FAST-SWITCHING TRANSISTOR
BU505 STMICROELECTRONICS-BU505 Datasheet
143Kb / 10P
   High Voltage NPN Multiepitaxial Fast-Switching Transistor
logo
Savantic, Inc.
BU505 SAVANTIC-BU505 Datasheet
90Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
BU505 ISC-BU505 Datasheet
132Kb / 3P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
BU505 SAVANTIC-BU505 Datasheet
91Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - BU505

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUW12F PHILIPS-BUW12F Datasheet
81Kb / 12P
   Silicon diffused power transistors
1997 Aug 14
BUX46 PHILIPS-BUX46 Datasheet
331Kb / 7P
   SILICON DIFFUSED POWER TRANSISTORS
July 1988
BUT12 PHILIPS-BUT12 Datasheet
100Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
BUW11F PHILIPS-BUW11F Datasheet
88Kb / 12P
   Silicon diffused power transistors
1997 Aug 14
BUX84 PHILIPS-BUX84 Datasheet
94Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
BUW11W PHILIPS-BUW11W Datasheet
79Kb / 12P
   Silicon diffused power transistors
1997 Aug 14
logo
List of Unclassifed Man...
BU508DF ETC2-BU508DF Datasheet
228Kb / 2P
   SILICON DIFFUSED POWER TRANSISTORS
logo
NXP Semiconductors
BU505F PHILIPS-BU505F Datasheet
81Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
BU506F PHILIPS-BU506F Datasheet
83Kb / 12P
   Silicon diffused power transistors
1997 Aug 14
BUT12F PHILIPS-BUT12F Datasheet
78Kb / 12P
   Silicon diffused power transistors
1997 Aug 13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com