Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD502E Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # MTD502E
Description  2 Port 10M/100M Switch With Build_in Memory
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MTD502E Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button MTD502E Datasheet HTML 6Page - List of Unclassifed Manufacturers MTD502E Datasheet HTML 7Page - List of Unclassifed Manufacturers MTD502E Datasheet HTML 8Page - List of Unclassifed Manufacturers MTD502E Datasheet HTML 9Page - List of Unclassifed Manufacturers MTD502E Datasheet HTML 10Page - List of Unclassifed Manufacturers MTD502E Datasheet HTML 11Page - List of Unclassifed Manufacturers MTD502E Datasheet HTML 12Page - List of Unclassifed Manufacturers MTD502E Datasheet HTML 13Page - List of Unclassifed Manufacturers MTD502E Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10/20
MTD502E Revision 1.3 12/07/2000
MTD502E
MYSON
TECHNOLOGY
110
IO
P0_CRCchk Disable
Jumper setting function after power on reset.
-external pull_high = 1, means Port0 CRC check and drop function
is disabled.
-external pull_low = 0, means Port0 CRC check and drop function
is enabled.
-external floating : default is 0.
126
IO
VLAN tag Enable
Jumper setting function after power on reset.
-external pull_high = 1, means MAC receiving accept 1522 Bytes
packet (VLAN tag enable).
-external pull_low = 0, means MAC receiving reject 1522 Bytes
packet (VLAN tag disable).
-external floating : default is 0.
MTD502EF(128PQFP) Jumper Setting Table After Power On Reset
Pin No.
IO
Setting Function
Descriptions


Similar Part No. - MTD502E

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD5010M MARKTECH-MTD5010M Datasheet
168Kb / 2P
   Ultra High Speed Photo Diode
MTD5010N MARKTECH-MTD5010N Datasheet
640Kb / 3P
   Peak Sensitivity Wavelength: 850nm
MTD5010N MARKTECH-MTD5010N Datasheet
640Kb / 3P
   Photo Diode
MTD5010N MARKTECH-MTD5010N_15 Datasheet
640Kb / 3P
   Photo Diode
MTD5010W MARKTECH-MTD5010W Datasheet
604Kb / 3P
   Peak Sensitivity Wavelength: 850nm
More results

Similar Description - MTD502E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MTD655 ETC-MTD655 Datasheet
197Kb / 18P
   5 Port 10M/100M Hub With 2 port Switch
MTD658 ETC1-MTD658 Datasheet
192Kb / 17P
   8 Port 10M/100M Hub With 2 port Switch
MTD508 ETC-MTD508 Datasheet
439Kb / 19P
   8-Port 10M/100M Ethernet Switch
Rev.1.3 December 2001
MTD505 ETC1-MTD505 Datasheet
202Kb / 19P
   5 Port 10M/100M Ethernet Switch
MTD516 ETC1-MTD516 Datasheet
265Kb / 27P
   16 Port 10M/100M Ethernet Switch
MTD658E ETC-MTD658E Datasheet
518Kb / 23P
   5/8 Port 10/100 Hub Build_in Bridge And Memory
TL-SF1008D ETC2-TL-SF1008D Datasheet
481Kb / 2P
   8-Port 10/100M Desktop Switch
TL-SF1016D ETC2-TL-SF1016D Datasheet
477Kb / 2P
   16-Port 10/100M Desktop Switch
logo
Zarlink Semiconductor I...
ZL50409 ZARLINK-ZL50409 Datasheet
1Mb / 135P
   Managed 9-Port 10/100M Ethernet Switch
logo
List of Unclassifed Man...
ADM6308 ETC-ADM6308 Datasheet
190Kb / 17P
   Eight-port 10/100M Ethernet Switch Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com