Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5065EAI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX5065EAI
Description  Dual-Phase, 0.6V to 3.3V Output Parallelable, Average-Current-Mode Controllers
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5065EAI Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX5065EAI Datasheet HTML 4Page - Maxim Integrated Products MAX5065EAI Datasheet HTML 5Page - Maxim Integrated Products MAX5065EAI Datasheet HTML 6Page - Maxim Integrated Products MAX5065EAI Datasheet HTML 7Page - Maxim Integrated Products MAX5065EAI Datasheet HTML 8Page - Maxim Integrated Products MAX5065EAI Datasheet HTML 9Page - Maxim Integrated Products MAX5065EAI Datasheet HTML 10Page - Maxim Integrated Products MAX5065EAI Datasheet HTML 11Page - Maxim Integrated Products MAX5065EAI Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Dual-Phase, +0.6V to +3.3V Output Parallelable,
Average-Current-Mode Controllers
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(Circuit of Figure 1, TA = +25°C, unless otherwise noted.)
40ns/div
LOW-SIDE DRIVER (DL_)
RISE TIME
MAX5065/67 toc28
DL_
2V/div
VIN = +12V
CDL_ = 22nF
40ns/div
LOW-SIDE DRIVER (DL_)
FALL TIME
MAX5065/67 toc29
DL_
2V/div
VIN = +12V
CDL_ = 22nF
500ns/div
OUTPUT RIPPLE
MAX5065/67 toc30
VOUT
(AC-COUPLED)
10mV/div
VIN = +12V
VOUT = +1.75V
IOUT = 52A
2ms/div
INPUT STARTUP RESPONSE
MAX5065/67 toc31
VIN
5V/div
VIN = +12V
VOUT = +1.75V
IOUT = 52A
VPGOOD
1V/div
VOUT
1V/div
40ns/div
HIGH-SIDE DRIVER (DH_)
RISE TIME
MAX5065/67 toc26
VIN = +12V
CDH_ = 22nF
DH_
2V/div
40ns/div
HIGH-SIDE DRIVER (DH_)
FALL TIME
MAX5065/67 toc27
DH_
2V/div
VIN = +12V
CDH_ = 22nF


Similar Part No. - MAX5065EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5060 MAXIM-MAX5060 Datasheet
589Kb / 31P
   0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Rev 2; 7/05
MAX5060ATI MAXIM-MAX5060ATI Datasheet
589Kb / 31P
   0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Rev 2; 7/05
MAX5060ETI MAXIM-MAX5060ETI Datasheet
589Kb / 31P
   0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Rev 2; 7/05
MAX5061 MAXIM-MAX5061 Datasheet
589Kb / 31P
   0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Rev 2; 7/05
MAX5061AUE MAXIM-MAX5061AUE Datasheet
589Kb / 31P
   0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Rev 2; 7/05
More results

Similar Description - MAX5065EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5060 MAXIM-MAX5060 Datasheet
589Kb / 31P
   0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
Rev 2; 7/05
MAX5038A MAXIM-MAX5038A Datasheet
680Kb / 26P
   Dual-Phase, Parallelable, Average-Current-Mode Controllers
Rev 0; 10/03
MAX5038 MAXIM-MAX5038 Datasheet
406Kb / 26P
   Dual-Phase, Parallelable, Average Current-Mode Controllers
Rev 3; 8/04
MAX5037 MAXIM-MAX5037 Datasheet
1Mb / 30P
   VRM 9.0, Dual-Phase, Parallelable, Average Current-Mode Controller
Rev 3; 4/04
MAX5037A MAXIM-MAX5037A Datasheet
622Kb / 31P
   VRM 9.0/VRM 9.1, Dual-Phase, Parallelable, Average-Current-Mode Controller
Rev 1; 4/04
logo
Lowpower Semiconductor ...
LP6302 POWER-LP6302 Datasheet
1,016Kb / 7P
   Output Voltage Range: 0.6V to VIN
LP6343 POWER-LP6343 Datasheet
539Kb / 12P
   Output Voltage Range: 0.6V to VIN
LP6342 POWER-LP6342 Datasheet
782Kb / 15P
   Output Voltage Range: 0.6V to VIN
logo
ON Semiconductor
MC34065-H ONSEMI-MC34065-H_06 Datasheet
571Kb / 18P
   High Performance Dual Channel Current Mode Controllers
July, 2006 ??Rev. 2
MC34065-H ONSEMI-MC34065-H Datasheet
417Kb / 14P
   HIGH PERFORMANCE DUAL CHANNEL CURRENT MODE CONTROLLERS
1996 REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com