Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EFY5366X Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EFY5366X
Description  SINGLE COLOR LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EFY5366X Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EFY5366X Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
n
Outline Dimensions
Unit: mm
SINGLE COLOR LED
HIGH
BRIGHTNESS
COLOR
D_5306X / F_5366X Series
D_5306X / F_5366X Series
V
mcd
Units
n
Electro-Optical Characteristics
Part No.
Clear
Pastel Yellow
Clear
Pastel Orange
Clear
Pastel Red
TYP.
IF
Wavelength
Forward
Voltage VF
TYP.
MAX.
IF
Reverse
Current IR
MAX.
VR
Viewing
Angle
(2 q 1/2)
Blue
Blue Green
Green
Yellow
Orange
Red
1,000
2,400
2,400
4,000
2,000
5,000
2,500
3,600
1,800
20
20
20
20
20
20
20
20
20
467
502
522
592
609
635
470
505
525
590
605
626
26
30
30
15
15
15
20
20
20
20
20
20
3.5
3.5
3.5
1.9
1.9
1.9
4.0
4.0
4.0
2.4
2.4
2.4
20
20
20
20
20
20
100
100
100
100
100
100
5
5
5
5
5
5
10°
DB5306X
DC5306X
DG5306X
EFY5366X
FY5366X
EFA5366X
FA5366X
EFR5366X
FR5366X
InGaN/SiC
InGaN/SiC
InGaN/SiC
AlInGaP
AlInGaP
AlInGaP
mA
nm
mA
mA
µA
V
Deg.
MIN.
Spectral Line
Half Width
Dl
TYP.
Peak
lp
TYP.
Dominant
ld
TYP.
IF
Luminous
Intensity IV
Lens
Color
Emitted
Color
Material
(Ta=25°C)
Blue Green
DC
100
25
60
5
n
Absolute Maximum Ratings
Power Dissipation
Forward Current
Peak Forward Current
Reverse Voltage
Operating Temperature
Storage Temperature
Derating (DC)*
Symbol
Pd
IF
IFM
VR
Topr
Tstg
DIF
mW
mA
mA
V
°C
°C
mA/°C
Units
Item
(Ta=25°C)
DG
100
25
60
5
EFY
125
50
200
5
FY
125
50
200
5
EFA
125
50
200
5
FA
125
50
200
5
EFR
125
50
200
5
FR
125
50
200
5
DB
100
25
60
5
-40 to +85
-40 to +100
0.33
0.67
* Ta=25°C, IFM applies for the pulse width £ 1msec. and duty cycle £1/20
The current derating for operation applies when the temperature is above 25°C
Yellow
Orange
Red
Blue
Green
500
1,200
1,200
2,800
1,000
3,500
1,250
2,520
900
*The viewing angle is an average and will vary by color
Water
Clear
70
60
50
40
30
20
10
0
DB, DC, DG
EFY, FY, EFA, FA, EFR, FR
n
Operation Current Derating Chart
n
Spatial Distribution (x)
f 5mm Round Shape
90˚
90˚
60˚
60˚
30˚
30˚
0.5
90˚
90˚
60˚
60˚
30˚
30˚
0.5
D_5306X
F_5366X
*Spatial distribution is viewed as a typical illustration and will vary by color


Similar Part No. - EFY5366X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
EFY5366X STANLEY-EFY5366X Datasheet
263Kb / 1P
   SINGLE COLOR LED
EFY5366X STANLEY-EFY5366X Datasheet
263Kb / 1P
   SINGLE COLOR LED
More results

Similar Description - EFY5366X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
DB5304X STANLEY-DB5304X Datasheet
267Kb / 1P
   SINGLE COLOR LED
DB3804X STANLEY-DB3804X Datasheet
255Kb / 1P
   SINGLE COLOR LED
DB3803X STANLEY-DB3803X Datasheet
284Kb / 1P
   SINGLE COLOR LED
logo
List of Unclassifed Man...
4361F ETC1-4361F Datasheet
225Kb / 1P
   SINGLE COLOR LED
logo
STANLEY ELECTRIC CO.,LT...
FA3864X STANLEY-FA3864X Datasheet
255Kb / 1P
   SINGLE COLOR LED
logo
List of Unclassifed Man...
2202S ETC2-2202S Datasheet
201Kb / 1P
   SINGLE COLOR LED
logo
STANLEY ELECTRIC CO.,LT...
DB5306X STANLEY-DB5306X Datasheet
263Kb / 1P
   SINGLE COLOR LED
FA5366X STANLEY-FA5366X Datasheet
263Kb / 1P
   SINGLE COLOR LED
FA3863X STANLEY-FA3863X Datasheet
284Kb / 1P
   SINGLE COLOR LED
4364K STANLEY-4364K Datasheet
171Kb / 1P
   Single color led
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com