Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

843103BT3N9 Datasheet(PDF) 3 Page - Filtran LTD

Part # 843103BT3N9
Description  THIN FILM Ceramic Chip Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

843103BT3N9 Datasheet(HTML) 3 Page - Filtran LTD

  843103BT3N9 Datasheet HTML 1Page - Filtran LTD 843103BT3N9 Datasheet HTML 2Page - Filtran LTD 843103BT3N9 Datasheet HTML 3Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
THIN FILM
Ceramic Chip Inductor
8431 Series
ENVIRONMENTAL CHARACTERISTICS
Item
Specification
Test Method
1Bending Test
∆L ≤10%
Speed of applying force: 1mm/sec,
Deflection: 2mm, Hold duration: 30sec
2Vibration
∆L≤10%
Oscillation frequency: 10~55~10Hz for 1 min.
Total amplitude: 1.5mm,
Testing time: 2 hours for 3 directions
3Resistance to Soldering Heat
∆L≤10%
270
±5 ˚C, 10±1 second
4High Temperature Exposure
∆L≤10%
+85
±2 ˚C, 1000 +48/-0 hours
5Moisture Resistance
∆L≤10%
40
±2 ˚C, 90~95%RH, 1000 +48/-0 hours
6Low Temperature Storage
∆L≤10%
+40
±3 ˚C, 1000 +48/-0 hours
7
Temperature Cycle
∆L≤10%
-40/RT/85/RT, 10 cycles
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
Page 3 of 3
PACKAGING
Unit: pcs
Packaging
Series
pcs/wheel
8431-03
5,000
8431-02
10,000
Packaging Quantity
Reel S pecifications
Unit: mm
Series
Ø
A
Ø
B
Ø
CW
T
8431-03
180
60min
13.0
±1.0
9.0
±1.0
11.4
±2.0
8431-02
180
60min
13.0
±1.0
9.0
±1.0
11.4
±2.0
Paper Tape Specifications
Unit: mm
Series
A
B
W
F
E
P
1
P2
P0
ØD 0
T
8431-03
1.1
±0.1
1.9
±0.1
0.64
±0.1
8431-02
0.65
±0.15
1.15
±0.2
8.0
±0.2
3.50
±0.05
1.75
±0.01
4.00
±0.01
2.00
±0.05
4.00
±0.10
1.50
+0.01
0.7
±0.1


Similar Part No. - 843103BT3N9

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8431 PHOENIX-8431 Datasheet
282Kb / 15P
   AXL E PB DI16 M12 6M
logo
Heyco.
8431 HEYCO-8431 Datasheet
123Kb / 1P
   Heyco-Flex™ I Liquid Tight Conduit
logo
ASM GmbH
8431-20 ASM-SENSOR-8431-20 Datasheet
3Mb / 8P
   DATENLOGGER
logo
Integrated Device Techn...
84314 IDT-84314 Datasheet
327Kb / 19P
   LVPECL Frequency Synthesizer W/Fanout Buffer
logo
Renesas Technology Corp
84314 RENESAS-84314 Datasheet
458Kb / 20P
   350MHz, Crystal-to-3.3V/2.5V LVPECL Frequency Synthesizer W/Fanout Buffer
January 8, 2016
More results

Similar Description - 843103BT3N9

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
Stackpole Electronics, ...
LTF SEI-LTF Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402 Datasheet
103Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
ABC Taiwan Electronics ...
AL10050N2DL ABC-AL10050N2DL Datasheet
94Kb / 6P
   THIN FILM CHIP INDUCTOR
20090325-B
logo
Abracon Corporation
ATFC-0603 ABRACON-ATFC-0603 Datasheet
213Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Allied Components Inter...
TF02 ALLIED-TF02 Datasheet
430Kb / 1P
   Thin Film Chip Inductor
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
logo
ABC Taiwan Electronics ...
AL16081N0DL ABC-AL16081N0DL Datasheet
85Kb / 5P
   THIN FILM CHIP INDUCTOR
20080424-A
logo
Abracon Corporation
ATFC-0201 ABRACON-ATFC-0201 Datasheet
205Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com