Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESMQ401VSN271MQ35S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ESMQ401VSN271MQ35S
Description  LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ESMQ401VSN271MQ35S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ESMQ401VSN271MQ35S Datasheet HTML 1Page - List of Unclassifed Manufacturers ESMQ401VSN271MQ35S Datasheet HTML 2Page - List of Unclassifed Manufacturers ESMQ401VSN271MQ35S Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
Downsized snap-ins, 85C
CAT. No. E1001F
Frequency(Hz)
160 to 250Vdc
315 to 450Vdc
50
0.81
0.77
120
1.00
1.00
300
1.17
1.16
1k
1.32
1.30
10k
1.45
1.41
50k
1.50
1.43
?RATED RIPPLE CURRENT MULTIPLIERS
@Frequency Multipliers
?STANDARD RATINGS
WV
(Vdc)
Cap
(
mF)
Case size
fDbL(mm)
tan
e
Rated ripple
current
(Arms/
85
c,120Hz)
Part No.
350
1,000
35 B 50
0.15
3.54
ESMQ351VSN102MA50S
400
120
22 B 25
0.15
1.02
ESMQ401VSN121MP25S
150
22 B 30
0.15
1.16
ESMQ401VSN151MP30S
180
22 B 35
0.15
1.44
ESMQ401VSN181MP35S
220
22 B 40
0.15
1.49
ESMQ401VSN221MP40S
220
25.4 B 30
0.15
1.49
ESMQ401VSN221MQ30S
270
22 B 45
0.15
1.67
ESMQ401VSN271MP45S
270
25.4 B 35
0.15
1.67
ESMQ401VSN271MQ35S
270
30 B 25
0.15
1.67
ESMQ401VSN271MR25S
330
22 B 50
0.15
1.90
ESMQ401VSN331MP50S
330
25.4 B 40
0.15
1.90
ESMQ401VSN331MQ40S
330
30 B 30
0.15
1.90
ESMQ401VSN331MR30S
330
35 B 25
0.15
1.90
ESMQ401VSN331MA25S
390
25.4 B 45
0.15
2.13
ESMQ401VSN391MQ45S
390
30 B 35
0.15
2.13
ESMQ401VSN391MR35S
390
35 B 30
0.15
2.13
ESMQ401VSN391MA30S
470
25.4 B 50
0.15
2.39
ESMQ401VSN471MQ50S
470
30 B 40
0.15
2.39
ESMQ401VSN471MR40S
470
35 B 30
0.15
2.39
ESMQ401VSN471MA30S
560
30 B 45
0.15
2.69
ESMQ401VSN561MR45S
560
35 B 35
0.15
2.69
ESMQ401VSN561MA35S
680
30 B 50
0.15
2.96
ESMQ401VSN681MR50S
680
35 B 40
0.15
2.96
ESMQ401VSN681MA40S
820
35 B 45
0.15
3.25
ESMQ401VSN821MA45S
420
100
22 B 25
0.20
0.97
ESMQ421VSN101MP25S
120
22 B 25
0.20
1.08
ESMQ421VSN121MP25S
150
22 B 30
0.20
1.30
ESMQ421VSN151MP30S
150
25.4 B 25
0.20
1.30
ESMQ421VSN151MQ25S
180
22 B 35
0.20
1.48
ESMQ421VSN181MP35S
180
25.4 B 30
0.20
1.48
ESMQ421VSN181MQ30S
220
22 B 40
0.20
1.65
ESMQ421VSN221MP40S
220
25.4 B 35
0.20
1.65
ESMQ421VSN221MQ35S
220
30 B 25
0.20
1.65
ESMQ421VSN221MR25S
270
22 B 50
0.20
1.94
ESMQ421VSN271MP50S
270
25.4 B 35
0.20
1.94
ESMQ421VSN271MQ35S
WV
(Vdc)
Cap
(
mF)
Case size
fDbL(mm)
tan
e
Rated ripple
current
(Arms/
85
c,120Hz)
Part No.
420
270
30 B 30
0.20
1.94
ESMQ421VSN271MR30S
330
25.4 B 45
0.20
2.17
ESMQ421VSN331MQ45S
330
30 B 35
0.20
2.17
ESMQ421VSN331MR35S
330
35 B 30
0.20
2.17
ESMQ421VSN331MA30S
390
25.4 B 50
0.20
2.27
ESMQ421VSN391MQ50S
390
30 B 35
0.20
2.27
ESMQ421VSN391MR35S
390
35 B 30
0.20
2.27
ESMQ421VSN391MA30S
470
30 B 40
0.20
2.61
ESMQ421VSN471MR40S
470
35 B 35
0.20
2.61
ESMQ421VSN471MA35S
560
30 B 50
0.20
2.82
ESMQ421VSN561MR50S
560
35 B 40
0.20
2.82
ESMQ421VSN561MA40S
680
35 B 45
0.20
3.11
ESMQ421VSN681MA45S
450
82
22 B 25
0.20
0.83
ESMQ451VSN820MP25S
100
22 B 25
0.20
0.93
ESMQ451VSN101MP25S
120
22 B 30
0.20
1.04
ESMQ451VSN121MP30S
150
22 B 35
0.20
1.19
ESMQ451VSN151MP35S
150
25.4 B 25
0.20
1.19
ESMQ451VSN151MQ25S
180
22 B 40
0.20
1.35
ESMQ451VSN181MP40S
180
25.4 B 30
0.20
1.35
ESMQ451VSN181MQ30S
220
22 B 45
0.20
1.55
ESMQ451VSN221MP45S
220
25.4 B 40
0.20
1.55
ESMQ451VSN221MQ40S
220
30 B 30
0.20
1.55
ESMQ451VSN221MR30S
220
35 B 25
0.20
1.55
ESMQ451VSN221MA25S
270
22 B 50
0.20
1.78
ESMQ451VSN271MP50S
270
25.4 B 40
0.20
1.78
ESMQ451VSN271MQ40S
270
30 B 30
0.20
1.78
ESMQ451VSN271MR30S
330
25.4 B 50
0.20
2.01
ESMQ451VSN331MQ50S
330
30 B 40
0.20
2.01
ESMQ451VSN331MR40S
330
35 B 30
0.20
2.01
ESMQ451VSN331MA30S
390
30 B 40
0.20
2.24
ESMQ451VSN391MR40S
390
35 B 35
0.20
2.24
ESMQ451VSN391MA35S
470
30 B 45
0.20
2.53
ESMQ451VSN471MR45S
470
35 B 40
0.20
2.53
ESMQ451VSN471MA40S
560
30 B 50
0.20
2.82
ESMQ451VSN561MR50S
560
35 B 45
0.20
2.82
ESMQ451VSN561MA45S
The endurance of capacitors is shorted with internal heating produced by ripple current at the rate of halving the lifetime with every 5C rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
(3/3)


Similar Part No. - ESMQ401VSN271MQ35S

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
ESMQ401VSN271MQ35S CHEMI-CON-ESMQ401VSN271MQ35S Datasheet
116Kb / 7P
   Snap Mount
ESMQ401VSN271MQ35S CHEMI-CON-ESMQ401VSN271MQ35S Datasheet
74Kb / 3P
   Downsized snap-ins, 85
More results

Similar Description - ESMQ401VSN271MQ35S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ELXS161VSN471MP25S ETC2-ELXS161VSN471MP25S Datasheet
278Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
SMH ETC2-SMH Datasheet
95Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ECHA201VSN181MP20S CHEMI-CON-ECHA201VSN181MP20S Datasheet
42Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ELXM161VSN331MP25S CHEMI-CON-ELXM161VSN331MP25S Datasheet
67Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ELXS501VSN391MA50S NPC-ELXS501VSN391MA50S Datasheet
426Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EKMQ161VSN471MP25S CHEMI-CON-EKMQ161VSN471MP25S Datasheet
66Kb / 3P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
Nippon Precision Circui...
ERLA181LIN901KR35M NPC-ERLA181LIN901KR35M Datasheet
328Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
ESMR401VSN151MP25S CHEMI-CON-ESMR401VSN151MP25S Datasheet
261Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
ETXH201VSN561MR30S CHEMI-CON-ETXH201VSN561MR30S Datasheet
256Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
EKMW401VSN151MP25S ETC2-EKMW401VSN151MP25S Datasheet
260Kb / 2P
   LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com