Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

843103GT3N9 Datasheet(PDF) 1 Page - Filtran LTD

Part # 843103GT3N9
Description  THIN FILM Ceramic Chip Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

843103GT3N9 Datasheet(HTML) 1 Page - Filtran LTD

  843103GT3N9 Datasheet HTML 1Page - Filtran LTD 843103GT3N9 Datasheet HTML 2Page - Filtran LTD 843103GT3N9 Datasheet HTML 3Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
• Tight Tolerance of 2%
or 0.2 nH
• Self Resonant Frequency
controlled within 10%
• Stable Inductance in
High Frequency Circuit
• Compatible with either
reflow or flow soldering
Available in 2 sizes:
THIN FILM
Ceramic Chip Inductor
8431 Series
MECHANICAL AND SCHEMATIC (All dimensions in millimeters)
SIZE
Range
(nH)
AB
C
D
0603
1.0 - 68
1.6
±0.1
0.8
±0.1
0.45
±0.1
0.3
±0.2
0402
1.0 - 22
1.0
±0.05
0.5
±0.05
0.35
±0.05
0.2
±0.1
SCHEMATIC
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
APPLICATIONS
• Cellular Telephone, Pagers
and GPS products
• Wireless LAN and other
Communication
appliances
• VCO, TCXO circuit and
RF Transceiver Module
PART NUMBERING
8431
XX
X
X
XXX
8431
Inductance Code
3N9 = 3.9 nH
68N = 68 nH
Packaging Code
T = Tape & Reel
G =
±2%
Inductance Tolerance Code
Dimension Code
C =
±0.2nH
B =
±0.1nH
03 = 0603 (EIA)
02 = 0402 (EIA)
8431 = Thin Film Chip Inductor
Part Number
Continued
Page 1 of 3
CONTENTS
PAGE
Mechanical & Schematic
1
Part Numbering
1
Electrical Specs - 0603
2
Electrical Specs - 0402
2
Environmental Characteristics 3
Packaging
3
0603 for 1.0 nH to 68 nH
0402 for 1.0 nH to 22 nH


Similar Part No. - 843103GT3N9

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8431 PHOENIX-8431 Datasheet
282Kb / 15P
   AXL E PB DI16 M12 6M
logo
Heyco.
8431 HEYCO-8431 Datasheet
123Kb / 1P
   Heyco-Flex™ I Liquid Tight Conduit
logo
ASM GmbH
8431-20 ASM-SENSOR-8431-20 Datasheet
3Mb / 8P
   DATENLOGGER
logo
Integrated Device Techn...
84314 IDT-84314 Datasheet
327Kb / 19P
   LVPECL Frequency Synthesizer W/Fanout Buffer
logo
Renesas Technology Corp
84314 RENESAS-84314 Datasheet
458Kb / 20P
   350MHz, Crystal-to-3.3V/2.5V LVPECL Frequency Synthesizer W/Fanout Buffer
January 8, 2016
More results

Similar Description - 843103GT3N9

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
Stackpole Electronics, ...
LTF SEI-LTF Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402 Datasheet
103Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
ABC Taiwan Electronics ...
AL10050N2DL ABC-AL10050N2DL Datasheet
94Kb / 6P
   THIN FILM CHIP INDUCTOR
20090325-B
logo
Abracon Corporation
ATFC-0603 ABRACON-ATFC-0603 Datasheet
213Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Allied Components Inter...
TF02 ALLIED-TF02 Datasheet
430Kb / 1P
   Thin Film Chip Inductor
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
logo
ABC Taiwan Electronics ...
AL16081N0DL ABC-AL16081N0DL Datasheet
85Kb / 5P
   THIN FILM CHIP INDUCTOR
20080424-A
logo
Abracon Corporation
ATFC-0201 ABRACON-ATFC-0201 Datasheet
205Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com