Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG1170P-S3 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AG1170P-S3
Description  5V / 3.3V Low Power Ringing SLIC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AG1170P-S3 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AG1170P-S3 Datasheet HTML 1Page - List of Unclassifed Manufacturers AG1170P-S3 Datasheet HTML 2Page - List of Unclassifed Manufacturers AG1170P-S3 Datasheet HTML 3Page - List of Unclassifed Manufacturers AG1170P-S3 Datasheet HTML 4Page - List of Unclassifed Manufacturers AG1170P-S3 Datasheet HTML 5Page - List of Unclassifed Manufacturers AG1170P-S3 Datasheet HTML 6Page - List of Unclassifed Manufacturers AG1170P-S3 Datasheet HTML 7Page - List of Unclassifed Manufacturers AG1170P-S3 Datasheet HTML 8Page - List of Unclassifed Manufacturers AG1170P-S3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
V1.9 September 2006
Data Sheet
Ag1170
+5V / +3.3V LOW POWER RINGING SLIC
1.1 Pin Description – SIL Package
Pin #
Name
Description
1
RING (B)
Ring. Connects to the subscriber line Ring.
2
TIP (A)
Tip. Connects to the subscriber line Tip.
3
F/R
Forward/Reverse. A logic 0 will reverse the Tip and Ring voltage
polarities. F/R is toggled to produce the ringing output.
4
RM
Ringing Mode. Sets bias conditions during ringing. Must be set
to logic 1 during ringing. Logic 0 for other modes.
5
SHK
Switch Hook. Indicates an off-hook condition when at logic 1.
6
*ZT1
Line. Connect to ZT2 via impedance programming components.
7
*ZT2
Line Impedance. Connect to ZT1 via impedance programming
components
8
*ZB
Balance Impedance. Connect to VIN via impedance
programming components
9
VIN
Audio In. Analog input signal from the Codec (which is output on
Tip and Ring). Connect via a 100nF capacitor
10
VOUT
Audio Out. This is the analog output signal (from Tip and Ring)
to the Codec. Connect via a 100nF capacitor.
11
+VA
Analog Supply. Connected to the +5V or +3.3V supply via an
RC filter, to supply power to the analog circuits.
12
GNDPWR
DC/DC Ground. Ground input for the DC/DC converter.
13
+VPWR
DC/DC Supply. +5V or +3.3V input for the DC/DC converter.
14
PD
Power Down of DC/DC Converter. A logic 0 powers off the
DC/DC converter. Leave open circuit for free run operation. DO
NOT input logic 1 to this pin.
* Only used for the Ag1170P device. Do not connect for Ag1170 as the impedances are programmed to 600R internally
© Silver Telecom 2006
5


Similar Part No. - AG1170P-S3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
More results

Similar Description - AG1170P-S3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
   5V RINGING SLIC
AG1460 ETC2-AG1460 Datasheet
498Kb / 15P
   QUAD 5V RINGING SLIC
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586_04 Datasheet
584Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Renesas Technology Corp
ISL5586 RENESAS-ISL5586 Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586 Datasheet
497Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com