Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG1170P-D3 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AG1170P-D3
Description  5V / 3.3V Low Power Ringing SLIC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AG1170P-D3 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AG1170P-D3 Datasheet HTML 3Page - List of Unclassifed Manufacturers AG1170P-D3 Datasheet HTML 4Page - List of Unclassifed Manufacturers AG1170P-D3 Datasheet HTML 5Page - List of Unclassifed Manufacturers AG1170P-D3 Datasheet HTML 6Page - List of Unclassifed Manufacturers AG1170P-D3 Datasheet HTML 7Page - List of Unclassifed Manufacturers AG1170P-D3 Datasheet HTML 8Page - List of Unclassifed Manufacturers AG1170P-D3 Datasheet HTML 9Page - List of Unclassifed Manufacturers AG1170P-D3 Datasheet HTML 10Page - List of Unclassifed Manufacturers AG1170P-D3 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
V1.9 September 2006
Data Sheet
Ag1170
+5V / +3.3V LOW POWER RINGING SLIC
3.3 Network Balance Impedance.
The network balance impedance ZB of the Ag1170 is
set to 600R and it requires no external programming
resistors.
To programme the ZB for the Ag1170P components
are connected from the VIN pin to the ZB pin. For ZB =
ZT use a 100K resistor in series with a 47nF capacitor.
Further details on the programming of the Ag1170P are
contained within Applications Note: AN1170-1.
3.4 Tip & Ring Polarity Reversal.
The Ag1170 can reverse the battery voltage polarity at
Tip and Ring via the F/R pin.
Condition 1 - DC ope ration
Signal
Notes
INPUT RM
1
0
No ringing
OUTPUT SHK
1
0
Off hook detected
Off Hook
NO TE: SHK SHOULD
BE DE-BOUNC ED FO R
10ms
Condition 2 - Ringing On-hook
RM
1
0
F/R
(input)
1
0
SHK
1
0
Condition 3 - Ringing/Off-hook
AB
The phone goes off hook, and SHK is detected at point A
(leading edge). RM must be switched low in <500ms
(point B), and the ringing cadence should be re moved
fro m F/R..
As long as the telephone is off hook, SHK will re ma in high.
1 sec
3 sec
1 sec
3 sec
Condition 1 - DC ope ration
Signal
Notes
INPUT RM
1
0
No ringing
OUTPUT SHK
1
0
Off hook detected
Off Hook
NO TE: SHK SHOULD
BE DE-BOUNC ED FO R
10ms
Condition 2 - Ringing On-hook
RM
1
0
F/R
(input)
1
0
SHK
1
0
Condition 3 - Ringing/Off-hook
AB
The phone goes off hook, and SHK is detected at point A
(leading edge). RM must be switched low in <500ms
(point B), and the ringing cadence should be re moved
fro m F/R..
As long as the telephone is off hook, SHK will re ma in high.
1 sec
3 sec
1 sec
3 sec
Condition 1 - DC ope ration
Signal
Notes
INPUT RM
1
0
No ringing
OUTPUT SHK
1
0
Off hook detected
Off Hook
NO TE: SHK SHOULD
BE DE-BOUNC ED FO R
10ms
Condition 2 - Ringing On-hook
RM
1
0
F/R
(input)
1
0
SHK
1
0
Condition 3 - Ringing/Off-hook
AB
The phone goes off hook, and SHK is detected at point A
(leading edge). RM must be switched low in <500ms
(point B), and the ringing cadence should be re moved
fro m F/R..
As long as the telephone is off hook, SHK will re ma in high.
1 sec
3 sec
1 sec
3 sec
Figure 4: Ringing Signal Waveforms
If F/R is held at logic 1 (forward) the d.c. voltage at Tip
is positive with respect to Ring. If F/R is taken to logic
0 the voltage polarity is reversed.
3.5 On Hook Transmission.
The Ag1170 is capable of on-hook transmission. This
means analog signals can be transmitted from VIN
through Tip and Ring and onto the line even when no
loop current is flowing.
This can be used when
sending Caller Line Identification (CLI) information or
for other “no ring” calls.
The Ag1170 will provide on hook transmission with a
high impedance on Tip/Ring or with AC loads down to
600R.
© Silver Telecom 2006
7


Similar Part No. - AG1170P-D3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
More results

Similar Description - AG1170P-D3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG1171 ETC2-AG1171 Datasheet
330Kb / 16P
   3.3V / 5.0V Low Power Ringing SLIC
logo
Silver Telecom 2019
AG1171 SILVERTEL-AG1171 Datasheet
289Kb / 15P
   3.3V / 5.0V Low Power Ringing SLIC
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
   5V RINGING SLIC
AG1460 ETC2-AG1460 Datasheet
498Kb / 15P
   QUAD 5V RINGING SLIC
logo
Agere Systems
L8560 AGERE-L8560 Datasheet
842Kb / 46P
   Low-Power SLIC with Ringing
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586_04 Datasheet
584Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Renesas Technology Corp
ISL5586 RENESAS-ISL5586 Datasheet
993Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Intersil Corporation
ISL5586 INTERSIL-ISL5586 Datasheet
497Kb / 20P
   Low Power Ringing SLIC for Home Gateways
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com