Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8402-681 Datasheet(PDF) 1 Page - Filtran LTD

Part # 8402-681
Description  Inductors Surface Mount High Current Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

8402-681 Datasheet(HTML) 1 Page - Filtran LTD

  8402-681 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number
Inductance
(µH ±20%)
DCR
(Ω MAX)
Isat
(Amps)
Irms
(Amps)
8402-010
1.0
0.05
2.9
2.9
8402-015
1.5
0.05
2.6
2.8
8402-022
2.2
0.07
2.3
2.4
8402-033
3.3
0.08
2.0
2.0
8402-047
4.7
0.09
1.5
1.5
8402-068
6.8
0.13
1.2
1.4
8402-100
10.0
0.16
1.1
1.1
8402-150
15.0
0.23
0.90
1.2
8402-220
22.0
0.37
0.70
0.80
8402-330
33.0
0.51
0.58
0.60
8402-470
47.0
0.64
0.50
0.50
8402-680
68.0
0.86
0.40
0.40
8402-101
100.0
1.27
0.31
0.30
8402-151
150.0
2.00
0.27
0.25
8402-221
220.0
3.11
0.22
0.20
8402-331
330.0
3.80
0.18
0.16
8402-471
470.0
5.06
0.16
0.15
8402-681
680.0
9.20
0.14
0.12
8402-102
1000.0
13.8
0.10
0.07
SUGGESTED PAD LAYOUT
SCHEMATIC
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
Inductors
An ISO 9001 Registered Company
• Extended temperature range
• High energy storage
• Low resistance
Surface Mount
High Current Power Inductors
8402-XXX
MECHANICAL AND SCHEMATIC (All dimensions in inches)
ELECTRICAL SPECIFICATIONS @ 25˚C
NOTES:
1. Resistance to Solder Heat: 260°C for 10 seconds
2. Inductance drop = 10% typ. At Isat
3.
∆T= 15°C typ. At Irms


Similar Part No. - 8402-681

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8402-001500 BELDEN-8402-001500 Datasheet
172Kb / 2P
   Microphone Cable, 2 Conductor 20 AWG, TC
12-20-2022
8402-001U1000 BELDEN-8402-001U1000 Datasheet
172Kb / 2P
   Microphone Cable, 2 Conductor 20 AWG, TC
12-20-2022
logo
ASM GmbH
8402-20 ASM-SENSOR-8402-20 Datasheet
3Mb / 12P
   DATENLOGGER
More results

Similar Description - 8402-681

ManufacturerPart #DatasheetDescription
logo
API Delevan
8532-46K API-8532-46K Datasheet
1Mb / 1P
   High Current Surface Mount Power Inductors
logo
List of Unclassifed Man...
4922-221L ETC1-4922-221L Datasheet
32Kb / 1P
   High Current Surface Mount Power Inductors
8532-01L ETC1-8532-01L Datasheet
33Kb / 1P
   High Current Surface Mount Power Inductors
logo
API Delevan
8532R API-8532R Datasheet
1Mb / 1P
   High Current Surface Mount Power Inductors
4922R API-4922R Datasheet
1Mb / 1P
   Surface Mount High Current Power Inductors
logo
List of Unclassifed Man...
HM75 ETC1-HM75 Datasheet
244Kb / 2P
   High Current Surface Mount Inductors
logo
Vishay Siliconix
IHSM7832ER103L VISHAY-IHSM7832ER103L Datasheet
80Kb / 2P
   High Current, Surface Mount Inductors
Revision: 05-Feb-11
IDC-1813 VISHAY-IDC-1813 Datasheet
111Kb / 2P
   High Current, Surface Mount Inductors
Revision: 20-Jun-17
IHSM-7832 VISHAY-IHSM-7832_13 Datasheet
86Kb / 2P
   High Current, Surface Mount Inductors
Revision: 20-Sep-13
IDCP1813ER470M VISHAY-IDCP1813ER470M Datasheet
97Kb / 2P
   High Current, Surface Mount Inductors
Revision: 24-Feb-11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com