Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8400-681 Datasheet(PDF) 1 Page - Filtran LTD

Part # 8400-681
Description  Inductors Surface Mount Drum Core Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

8400-681 Datasheet(HTML) 1 Page - Filtran LTD

  8400-681 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number
Inductance
(
µH ±20%)
DCR
(
ΩMAX)
Isat
2
(Adc)
Icont
3
(Adc)
8400-10G
1.0
0.009
9.00
6.80
8400-15G
1.5
0.010
8.00
6.40
8400-22G
2.2
0.012
7.00
6.10
8400-33G
3.3
0.015
6.40
5.40
8400-47G
4.7
0.018
5.40
4.80
8400-68G
6.8
0.027
4.60
4.40
8400-100
10.0
0.038
3.80
3.90
8400-150
15.0
0.046
3.00
3.10
8400-220
22.0
0.085
2.60
2.70
8400-330
33.0
0.100
2.00
2.10
8400-470
47.0
0.140
1.60
1.80
8400-680
68.0
0.200
1.40
1.50
8400-101
100.0
0.280
1.20
1.30
8400-151
150.0
0.400
1.00
1.00
8400-221
220.0
0.610
0.80
0.80
8400-331
330.0
1.020
0.60
0.60
8400-471
470.0
1.270
0.50
0.50
8400-681
680.0
2.020
0.40
0.40
8400-102
1000.0
3.000
0.30
0.30
1
SUGGESTED PAD LAYOUT
SCHEMATIC
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
Inductors
An ISO 9001 Registered Company
• Designed for use in DC-DC converters where high energy storage
combined with low DCR is a requirement
• Suitable for auto assembly and compatible with reflow process to 240°C
• Useful in battery-powered and low voltage converters
• Rugged design features with an extended operating temperature range of
-40°C to +85°C
• Storage temperature range of -50°C to +125°C
Surface Mount
Drum Core Power Inductors
8400-XXX
MECHANICAL AND SCHEMATIC (All dimensions in inches)
ELECTRICAL SPECIFICATIONS @ 25˚C
NOTES:
1. DCR limits at 20°C
2. Saturating DC current for approximately 20% rolloff from initial inductance
3. Continuous DC current for approximate delta T of 40°C rise from a 25°C ambient


Similar Part No. - 8400-681

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
8400-20 ASM-SENSOR-8400-20 Datasheet
3Mb / 12P
   DATENLOGGER
8400-92 ASM-SENSOR-8400-92 Datasheet
2Mb / 4P
   SOLARENERGIE-LOGGER
More results

Similar Description - 8400-681

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8403-XXX FILTRAN-8403-XXX Datasheet
193Kb / 1P
   Inductors Surface Mount Drum Core Power Inductors
8404-XXX FILTRAN-8404-XXX Datasheet
193Kb / 1P
   Inductors Surface Mount Drum Core Power Inductors
8405-XXX FILTRAN-8405-XXX Datasheet
194Kb / 1P
   Inductors Surface Mount Drum Core Power Inductors
logo
List of Unclassifed Man...
DSS4832 ETC-DSS4832 Datasheet
126Kb / 1P
   Surface Mount Drum Core Power Inductors
logo
Allied Components Inter...
RDC40-1R8M-RC ALLIED-RDC40-1R8M-RC Datasheet
822Kb / 1P
   Radial Drum Core Inductors
RDC60 ALLIED-RDC60 Datasheet
837Kb / 1P
   Radial Drum Core Inductors
RDC10-1R0T-RC ALLIED-RDC10-1R0T-RC Datasheet
791Kb / 1P
   Radial Drum Core Inductors
RDC10 ALLIED-RDC10 Datasheet
349Kb / 1P
   Radial Drum Core Inductors
RDC40 ALLIED-RDC40 Datasheet
822Kb / 1P
   Radial Drum Core Inductors
logo
Tyco Electronics
DS1137 MACOM-DS1137 Datasheet
54Kb / 3P
   Shielded Drum Core Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com