Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG1460 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AG1460
Description  QUAD 5V RINGING SLIC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AG1460 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AG1460 Datasheet HTML 5Page - List of Unclassifed Manufacturers AG1460 Datasheet HTML 6Page - List of Unclassifed Manufacturers AG1460 Datasheet HTML 7Page - List of Unclassifed Manufacturers AG1460 Datasheet HTML 8Page - List of Unclassifed Manufacturers AG1460 Datasheet HTML 9Page - List of Unclassifed Manufacturers AG1460 Datasheet HTML 10Page - List of Unclassifed Manufacturers AG1460 Datasheet HTML 11Page - List of Unclassifed Manufacturers AG1460 Datasheet HTML 12Page - List of Unclassifed Manufacturers AG1460 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
V1.4 May 2004
Data Sheet
Ag1460
QUAD 5V RINGING SLIC
It is the responsibility of the equipment designer to
ensure that their system meets the requirements of the
relevant regulatory bodies. Every effort is made to
ensure that Silver Telecom products are compliant with
the latest standards.
applications to provide primary and secondary
protection circuits to prevent damage to the SLIC.
The Ag1460 has been designed to be able to use low
cost protection components and a typical circuit is
shown in Figure 4. This circuit is suitable for most “on-
premise” applications.
6.0 A Typical Application.
The Ag1460 has been designed to interface to any
Codec, and is shown in a typical application in figure 4.
For examples of the interface to various codecs, either
visit the Silver Telecom web-site at www.silvertel.com,
or contact Silver Telecom or their local representative.
With some additional components, the Ag1460 will
meet UL60950 requirements: a series element should
be added - a combination of a fuse (e.g. 350mA,
Bussman C515 or Littelfuse 220003) and a surge
resistor (25
Ω typically). Alternatively a Teccor F1250T
or F0500T fuse may be used without a surge resistor.
The status outputs from the SLIC are passed to the
micro-controller. These signals can then be processed
as necessary by the system software. Control over the
ringing and reversals functions is achieved via the RM
and F/R pins.
For ITU-T K20 power cross protection, a PTC
thermistor (eg. type JH330L) of 30R is suitable. The
lightning protection is provided by steering diodes
connected to 0V and upgrading D1 to a Tranzorb
device (Motorola or Semitron 1.5KE82A). For lightning
and power cross protection, D1 should be upgraded
further (5KP75).
Just one Tranzorb is needed per
linecard.
The audio signals which are on the 4 wire side of the
connection are coupled by 100nF capacitors to avoid
d.c. level problems between the two devices.
The Ag1460 provides for a 2 wire impedance and a
network balance impedance of 600
Ω.
For other
impedances a DSP codec can be used which can be
programmed using applications information available
from the codec manufacturer. The necessary transfer
function parameters for the Ag1460 are available from
Silver Telecom.
5.0 Approvals.
It can be seen from the Electrical Characteristics given
on subsequent pages that the SLIC has been designed
to meet the equipment standards of as many major
public telephone authorities as possible.
Ag1460 is fixed 600R impedance.
For programmable impedance see Ag1465.
RM
TIP
RING
GND
PWR
+5V
A
F/R
SHK
V
OUT
V
IN
V
CLAMP
PGND
D1
D2
D3
D4
0V
+
+5V
100uF
100nF
100nF
TIP
RING
Ag1460
D1 - D4 = 1N4004 or equivalent
D5 = BZT03C82 (only one needed per linecard)
0V = +5V return
CAP
220nF
10
220uF
+5V
PWR
D5
GND
A
100nF
+
LO
PD
The Ag1460 will work with any codec.
Analog path
to/from codec
Control signals
to/from codec or
micro-controller
Figure 4: Typical On-Premise Application
(only one channel shown for clarity)
© Silver Telecom 2004


Similar Part No. - AG1460

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AG10 XPPOWER-AG10 Datasheet
907Kb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
List of Unclassifed Man...
AG101 ETC-AG101 Datasheet
179Kb / 7P
   High Dynamic Range Gain Block
logo
WJ Communication. Inc.
AG101 WJCI-AG101 Datasheet
396Kb / 6P
   GaAs MMIC Gain Block
AG101-G WJCI-AG101-G Datasheet
396Kb / 6P
   GaAs MMIC Gain Block
logo
TriQuint Semiconductor
AG101-G TRIQUINT-AG101-G_15 Datasheet
491Kb / 6P
   GaAs MMIC Gain Block
More results

Similar Description - AG1460

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG1160 ETC2-AG1160 Datasheet
278Kb / 12P
   5V RINGING SLIC
AG1170 ETC2-AG1170 Datasheet
496Kb / 15P
   5V / 3.3V Low Power Ringing SLIC
logo
Mitel Networks Corporat...
MT91610 MITEL-MT91610 Datasheet
67Kb / 18P
   Analog Ringing SLIC
logo
Agere Systems
L8576B AGERE-L8576B Datasheet
583Kb / 26P
   Dual Ringing SLIC
logo
Zarlink Semiconductor I...
MT91610 ZARLINK-MT91610 Datasheet
251Kb / 20P
   Programmable Ringing SLIC
logo
Intersil Corporation
HC55185 INTERSIL-HC55185 Datasheet
168Kb / 17P
   VoIP Ringing SLIC Family
April 2000
logo
Renesas Technology Corp
HC55185 RENESAS-HC55185 Datasheet
1,013Kb / 20P
   VoIP Ringing SLIC Family
February 9, 2012
logo
Agere Systems
L9214A AGERE-L9214A Datasheet
790Kb / 46P
   Low-Cost Ringing SLIC
logo
Intersil Corporation
HC55183 INTERSIL-HC55183_10 Datasheet
465Kb / 19P
   Extended Reach Ringing SLIC Family
logo
Will Semiconductor Ltd.
SPD61089A WILLSEMI-SPD61089A Datasheet
707Kb / 5P
   High Voltage Ringing SLIC Protector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com