Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8409-07 Datasheet(PDF) 1 Page - Filtran LTD

Part # 8409-07
Description  SMD Power Inductors and Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

8409-07 Datasheet(HTML) 1 Page - Filtran LTD

  8409-07 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parallel Ratings
Series Ratings
Part
Number
Rated
Inductance
(µH)
OCL
1
Nominal
±25%
(µH)
Isat.
2
(A)
Irms.
3
(A)
DCR
4
@20˚C
(Ω typ.)
OCL
1
Nominal
±25%
(µH)
Isat.
2
(A)
Irms.
3
(A)
DCR
4
@20˚C
(Ω typ.)
8409-01
0.33
0.284
18.8
10.9
0.0033
1.14
9.38
5.47
0.0132
8409-02
0.68
0.675
12.5
9.4
0.0045
2.70
6.25
4.68
0.0180
8409-03
1.0
1.26
9.38
8.22
0.0058
5.06
4.69
4.11
0.0233
8409-04
2.0
1.98
7.50
6.74
0.0090
7.90
3.75
3.37
0.035
8409-05
5.0
5.06
4.69
4.34
0.021
20.22
2.34
2.17
0.084
8409-06
8.0
7.90
3.75
3.50
0.032
31.60
1.88
1.75
0.129
8409-07
10.0
11.38
3.13
2.89
0.047
45.50
1.56
1.45
0.188
8409-08
15.0
15.48
2.68
2.69
0.054
61.94
1.34
1.35
0.218
8409-09
20.0
20.22
2.34
2.24
0.078
80.90
1.17
1.12
0.313
8409-10
25.0
25.60
2.08
1.89
0.111
102.38
1.04
0.94
0.443
8409-11
33.0
34.84
1.79
1.56
0.162
139.4
0.89
0.78
0.649
8409-12
50.0
49.38
1.50
1.28
0.240
197.5
0.75
0.64
0.961
8409-13
68.0
66.44
1.29
1.07
0.342
265.8
0.65
0.54
1.367
8409-14
100.0
102.38
1.04
0.75
0.695
409.5
0.52
0.38
2.778
8409-15
150.0
152.9
0.85
0.68
0.842
611.8
0.43
0.34
3.366
8409-16
200.0
197.5
0.75
0.64
0.950
790.0
0.38
0.32
3.800
8409-17
300.0
303.7
0.60
0.58
1.174
1215
0.30
0.29
4.697
SUGGESTED PAD LAYOUT
SCHEMATICS
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
SMD
An ISO 9001 Registered Company
INDUCTORS: low inductance with high current when wired in
parallel or higher inductance with lower current when wired in series
TRANSFORMERS: (1:1) electrical isolation and a wide voltage
transformation
• Extended temperature range –40°C to +85°C
• Isolation voltage: 300 Vdc
Power Inductors and Transformers
8409-XX
MECHANICAL AND SCHEMATIC (All dimensions in inches)
ELECTRICAL SPECIFICATIONS @ 25˚C
1. Measured @ 100kHz, 0.250Vrms, 0.0Adc
3. RMS current, delta temp. of 40°C ambient
Parallel (1,4 – 3,2); Series (1–3) tie (2–4)
temperature of 85°C
2. Peak current for approximately 30% roll-off
4. Values @ 20°C, Maximum DCR is +15% of typical value
5. Turns Ratio: (1-2):(4-3) 1:1


Similar Part No. - 8409-07

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
8409 MACOM-8409 Datasheet
455Kb / 11P
   20 LABELS ON A STRIP
logo
List of Unclassifed Man...
8409 ETC2-8409 Datasheet
311Kb / 1P
   MALE/FEMALE THREADED STANDOFFS
logo
Texas Instruments
8409001CA TI-8409001CA Datasheet
280Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
logo
Huber+Suhner, Inc.
84090507 HUBERSUHNER-84090507 Datasheet
1Mb / 2P
   COAXIAL CONNECTOR, QMA, 50 Ohm, Straight panel cable plug (male)
logo
Texas Instruments
84091012A TI-84091012A Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
More results

Similar Description - 8409-07

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8417-XX FILTRAN-8417-XX Datasheet
172Kb / 1P
   SMD Power Inductors and Transformers
logo
Cooper Bussmann, Inc.
CTX1-3P-R COOPER-CTX1-3P-R Datasheet
573Kb / 8P
   Power Inductors and Transformers
CTX10-4P COOPER-CTX10-4P Datasheet
461Kb / 8P
   Power Inductors and Transformers
VPH1-1400-R COOPER-VPH1-1400-R Datasheet
444Kb / 8P
   Inductors and Transformers
logo
Central Technologies
CTCSF CT-CTCSF Datasheet
400Kb / 1P
   Current Sense Transformers and Inductors
CTPTF CT-CTPTF Datasheet
554Kb / 3P
   SMD PoE Power Transformers
logo
List of Unclassifed Man...
ABL6TS25G ETC2-ABL6TS25G Datasheet
44Kb / 1P
   Power supplies and transformers
logo
TDK Electronics
E13EMHV TDK-E13EMHV Datasheet
785Kb / 12P
   SMD Transformers
May 2022
logo
List of Unclassifed Man...
SG-890A ETC2-SG-890A Datasheet
765Kb / 12P
   SURFCOIL짰 SMT INDUCTORS AND TRANSFORMERS (PROFESSIONAL GRADE)
logo
Central Technologies
CTVP CT-CTVP Datasheet
610Kb / 5P
   SMD Transformers
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com