V1.8 October 2006
Data Sheet
DESCRIPTION
The Silver Telecom Ag1160 comprises a
single Subscriber Line Interface Circuit (SLIC)
in a 21 pin dual in line (DIL) format.
The
combination of features and packaging offers
extremely efficient use of board area, saving
significant system size and cost, minimising
time
to
market
for
Telephony
Systems
developers.
The Ag1160 has been designed to work with
loop lengths of up to 3.0km (800R including
telephone).
Its performance to regulatory
standards allows use in public and private
network applications.
The Ag1160 has integral dc/dc converter and
ringing generation thus providing all the line
powering requirements from a single supply.
The SLIC requires a minimum of external
components.
The system interface has been designed for
connection to all popular codecs of both the
audio and signalling connections.
The Ag1160 is ideal for low line count, short
loop
length
applications,
such
as
ISDN
Terminal Adaptors, Internet Telephony (VoIP),
Computer Telephony Integration (CTI), Digital
Loop Carriers (DLC), Wireless Local Loops
(WLL)
and
Small
Office
Home
Office
(SOHO).
Silver
T E L E C O M
Ag1160
5V RINGING SLIC
FEATURES
•
A highly featured SLIC in a 21 pin DIL
format.
• Integral DC-DC converter. Single +5V
supply voltage.
• Highly integrated with on board ringing
generator.
• Tip/Ring polarity reversal, On-Hook
Transmission for caller line ID.
• “Soft Shutdown” over current and
thermal protection provides fail safe
operation.
• Easy to use, with a minimum number of
external components.
• Simplified protection in “on-premise”
applications.
• Silver Telecom “design-in” assistance.
V
IN
V
OUT
TIP
NG
RINGING
SLIC
+DC/DC
RI
Control and
Supervision
V
IN
V
OUT
P
NG
RINGING
SLIC
+DC/DC
TI
Control and
Supervision
RI
© Silver Telecom 2006