Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG270034-T1 Datasheet(PDF) 7 Page - California Eastern Labs

Part # NESG270034-T1
Description  NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (2 W) 3-PIN POWER MINIMOLD (34 PKG)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

NESG270034-T1 Datasheet(HTML) 7 Page - California Eastern Labs

Back Button NESG270034-T1 Datasheet HTML 3Page - California Eastern Labs NESG270034-T1 Datasheet HTML 4Page - California Eastern Labs NESG270034-T1 Datasheet HTML 5Page - California Eastern Labs NESG270034-T1 Datasheet HTML 6Page - California Eastern Labs NESG270034-T1 Datasheet HTML 7Page - California Eastern Labs NESG270034-T1 Datasheet HTML 8Page - California Eastern Labs NESG270034-T1 Datasheet HTML 9Page - California Eastern Labs NESG270034-T1 Datasheet HTML 10Page - California Eastern Labs NESG270034-T1 Datasheet HTML 11Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
COMPONENT LIST
Component
Maker
Value
Size (TYPE)
Purpose
C1
Murata
11 pF
1005
Input DC Block/Input RF Matching
C2
Murata
9.5 pF
1005
Input RF Matching
C3
Murata
39 pF
1005
Input DC Block/Output RF Matching
C4
Murata
10 000 pF
1005
RF GND
C5
Murata
10 000 pF
1005
RF GND
L1
Toko
390 nH
2012
RF Block/Input RF Matching
L2
Toko
47 nH
1608
RF Block/Output RF Matching
L3
Toko
5.6 nH
2012
Input RF Matching
L4
Toko
5.1 nH
1608
Output RF Matching
R1
SSM
15
1005
Improve Stability
R2
SSM
10
1005
Improve Stability
Preliminary Data Sheet PU10577EJ01V0DS
7
NESG270034


Similar Part No. - NESG270034-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG270034-T1 RENESAS-NESG270034-T1 Datasheet
320Kb / 13P
   NPN SILICON GERMANIUM RF TRANSISTOR
2007
NESG270034-T1-AZ RENESAS-NESG270034-T1-AZ Datasheet
320Kb / 13P
   NPN SILICON GERMANIUM RF TRANSISTOR
2007
More results

Similar Description - NESG270034-T1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG220034 RENESAS-NESG220034 Datasheet
226Kb / 11P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
NESG240034 RENESAS-NESG240034 Datasheet
221Kb / 11P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
logo
NEC
NESG240034 NEC-NESG240034 Datasheet
91Kb / 9P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
NESG220034 NEC-NESG220034 Datasheet
97Kb / 9P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN POWER MINIMOLD (34 PKG)
NESG2101M16 NEC-NESG2101M16_1 Datasheet
135Kb / 13P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (125 mW) 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
California Eastern Labs
NESG250134 CEL-NESG250134 Datasheet
706Kb / 13P
   NECs NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFIVATION (800mW) 3-PIN OWER MINIMOLD (34 PACKAGE)
logo
NEC
NESG210833 NEC-NESG210833 Datasheet
103Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG220033 NEC-NESG220033 Datasheet
95Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
NESG240033 NEC-NESG240033 Datasheet
103Kb / 8P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
logo
Renesas Technology Corp
NESG220033 RENESAS-NESG220033 Datasheet
224Kb / 10P
   NPN SiGe RF TRANSISTOR FOR UHF-BAND, LOW NOISE, LOW DISTORTION AMPLIFICATION 3-PIN MINIMOLD (33 PKG)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com