Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8237 Datasheet(PDF) 2 Page - Filtran LTD

Part # 8237
Description  LAN 10 BASE-T Surface Mount Interface Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

8237 Datasheet(HTML) 2 Page - Filtran LTD

  8237 Datasheet HTML 1Page - Filtran LTD 8237 Datasheet HTML 2Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
229 Colonnade Road, Nepean, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
LAN
An ISO 9001 Registered Company
10 BASE-T
Surface Mount Interface Modules
8231-8239
SCHEMATICS
Attenuation
(XMIT)
(dB MIN)
Crosstalk
(dB MIN)
Common Mode Rejection
(XMIT)
(dB MIN)
Resistor Values
See Schematics
P/N
Insertion
Loss
to 10MHz
(dB MAX)
30
MHz
40
MHz
100
MHz
5-10 MHz
5
MHz
10
MHz
50
MHz
100
MHz
200
MHz
R1
R2
R3
R4
R5
R6
R7
8231
-6.0
-35
-35
-35
-35
-60
-60
-55
-50
-45
-
----
--
8232
-1.0
-30
-35
-35
-35
-60
-60
-55
-50
-45
-
----
--
8233
-6.5
-35
-35
-35
-35
-60
-60
-55
-50
-45
-
----
--
8234
-1.0
-30
-27
-27
-30
-40
-30
-50
-45
-
-
----
--
8235
-5.5
-30
-30
-35
-30
-35
-30
-55
-50
-
348
53.6
53.6
348
806
49.9
49.9
8236
-6.0
-30
-27
-27
-35
-40
-35
-45
-30
-
61.9
422
61.9
422
1210
49.9
49.9
8237
-5.0
-30
-35
-40
-25
-35
-30
-55
-50
-
390
63.4
390
63.4
-
49.9
49.9
8238
-5.0
-30
-35
-40
-25
-35
-30
-55
-50
-
39.0
-
39
-
-
49.9
49.9
8239
-1.0
-30
-27
-27
-35
-40
-35
-45
-45
-
-
----
--
• Return Loss 5 to 10 MHz (dB MIN) -18 dB @ 100Ω
-15 dB @ 98+/- 13 Ω
• Hi-Pot (Vrms MIN) 1500
ELECTRICAL CHARACTERISTICS AND RESISTOR VALUES @ 25˚C


Similar Part No. - 8237

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
8237 APITECH-8237 Datasheet
1Mb / 2P
   10 Base-T Surface Mount Interface Modules
logo
Belden Inc.
8237 BELDEN-8237 Datasheet
138Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,PVC Jkt, CMH
04-13-2023
8237-010100 BELDEN-8237-010100 Datasheet
138Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,PVC Jkt, CMH
04-13-2023
8237-0101000 BELDEN-8237-0101000 Datasheet
138Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,PVC Jkt, CMH
04-13-2023
8237-010500 BELDEN-8237-010500 Datasheet
138Kb / 2P
   50 Ohm Wireless Transmission Coax, RG-8, 13 AWG Str BC, 95% BC Braid,PVC Jkt, CMH
04-13-2023
More results

Similar Description - 8237

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
FS2009M BOTHHAND-FS2009M Datasheet
180Kb / 1P
   SURFACE MOUNT 10 BASE-T INTERFACE MODULES
logo
API Technologies Corp
8231-8239 APITECH-8231-8239 Datasheet
1Mb / 2P
   10 Base-T Surface Mount Interface Modules
logo
Bothhand USA, LP.
FB2009 BOTHHAND-FB2009 Datasheet
43Kb / 1P
   10 BASE-T INTERFACE MODULES
FB2009A BOTHHAND-FB2009A Datasheet
259Kb / 1P
   10 BASE-T INTERFACE MODULES
logo
Datatronic Distribution...
NT74804 DATATRONICS-NT74804 Datasheet
64Kb / 1P
   10 Base-T LAN Modules with CMC
logo
Bothhand USA, LP.
FS2009E BOTHHAND-FS2009E Datasheet
266Kb / 1P
   SURFACE MOUNT 10 BASE-T INTERFACE MODULES APPLY TO GENERIC IC
FB2009D BOTHHAND-FB2009D Datasheet
268Kb / 1P
   SURFACE MOUNT 10 BASE-T INTERFACE MODULES APPLY TO GENERIC IC
FB2009E BOTHHAND-FB2009E Datasheet
255Kb / 1P
   SURFACE MOUNT 10 BASE-T INTERFACE MODULES APPLY TO GENERIC IC
FS2009 BOTHHAND-FS2009 Datasheet
181Kb / 1P
   SURFACE MOUNT 10 BASE-T INTERFACE MODULES APPLY TO GENERIC IC
FS2009A BOTHHAND-FS2009A_1 Datasheet
178Kb / 1P
   SURFACE MOUNT 10 BASE-T INTERFACE MODULES APPLY TO GENERIC IC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com