Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8215 Datasheet(PDF) 1 Page - Filtran LTD

Part # 8215
Description  T3/DS3/E3/STS-1 Input/Output Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

8215 Datasheet(HTML) 1 Page - Filtran LTD

  8215 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
T3/DS3/E3/STS-1
• Models matched to leading transceiver IC’s
• Return Loss requirements of G.703 exceeded
• 1500 Vrms isolation per UL1459 and UL 1950
• Extended operating temperature range of -40°C to +85°C
SCHEMATIC
ELECTRICAL SPECIFICATION @ 25˚C
Input/Output Transformers
8215
MECHANICAL (All dimensions in inches)
Turns
Ratio
(
±2%)
OCL Primary
@ 25˚C
(
µH MIN)
OCL Primary
@ -40˚C
(
µH MIN)
LL
(
µH MAX)
CW/W
(pF MAX)
Bandwidth
(MHz TYP)
Isolation
Voltage
(Vrms MIN)
Primary
Pins
1:1
100
40
0.110
10
0.200 - 340
1500
1-3
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com


Similar Part No. - 8215

ManufacturerPart #DatasheetDescription
logo
3M Electronics
8215-6000 3M-8215-6000 Datasheet
501Kb / 4P
   3M D Sub Plug
8215-6000 3M-8215-6000 Datasheet
800Kb / 4P
   3M D Sub Plug Plug Connector
8215-6003 3M-8215-6003 Datasheet
501Kb / 4P
   3M D Sub Plug
8215-6003 3M-8215-6003 Datasheet
800Kb / 4P
   3M D Sub Plug Plug Connector
8215-6004 3M-8215-6004 Datasheet
501Kb / 4P
   3M D Sub Plug
More results

Similar Description - 8215

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8207 FILTRAN-8207 Datasheet
182Kb / 1P
   T3/DS3/E3/STS-1 Input/Output Transformers
8200 FILTRAN-8200 Datasheet
144Kb / 1P
   T3/DS3/E3/STS-1 Input/Output Transformers
logo
Pulse A Technitrol Comp...
PE-65664NL PULSE-PE-65664NL Datasheet
920Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF04061-2S XFMRS-XF04061-2S Datasheet
58Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Pulse A Technitrol Comp...
T3001 PULSE-T3001 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
T3020NL PULSE-T3020NL Datasheet
516Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3 / DS3 / E3 / STS-1 TRANSFORMERS
XF05061-2B XFMRS-XF05061-2B Datasheet
52Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Bothhand USA, LP.
S3002 BOTHHAND-S3002 Datasheet
75Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com