Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8042 Datasheet(PDF) 1 Page - Filtran LTD

Part # 8042
Description  CHOKE Surface Mount Common Mode Choke
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

8042 Datasheet(HTML) 1 Page - Filtran LTD

  8042 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ELECTRICAL SPECIFICATION @ 25˚C
CHOKE
• Reduce radiated EMI emissions
• Filters common mode noise for EMI reduction
• Common mode attenuation from 100 kHz to 500 MHz
SUGGESTED PAD LAYOUT
SCHEMATIC
Unless otherwise specified
Tolerances: ±. .005
Surface Mount Common Mode Choke
8042
MECHANICAL AND SCHEMATIC (All dimensions in inches)
An ISO 9001 Registered Company
229 Colonnade Road, Ottawa, Ontario, Canada K2E 7K3
Tel: (613) 226-1626 Fax: (613) 226-7124 www.filtran.com
Common Mode Attenuation
(dB TYP)
Part
Number
No. of
Lines
Primary
Inductance
(µH MIN)
DCR
(Ω MAX)
100 kHz
1 MHz
10 MHz
30 MHz
50 MHz
100MHz
300MHz
500MHz
8042
4
68
0.20
8
22
28
28
27
25
20
15


Similar Part No. - 8042

ManufacturerPart #DatasheetDescription
logo
RAF ELECTRONIC HARDWARE
8042-440-A RAF-8042-440-A Datasheet
88Kb / 1P
   ROUND INTERNAL THREAD HANDLE
logo
Festo Corporation.
8042538 FESTO-8042538 Datasheet
98Kb / 2P
   Air solenoid valve
8042539 FESTO-8042539 Datasheet
94Kb / 2P
   Air solenoid valve
8042540 FESTO-8042540 Datasheet
97Kb / 2P
   Air solenoid valve
8042542 FESTO-8042542 Datasheet
99Kb / 2P
   Air solenoid valve
More results

Similar Description - 8042

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
7526 FILTRAN-7526 Datasheet
136Kb / 1P
   Choke Surface Mount Common Mode Choke
8041 FILTRAN-8041 Datasheet
191Kb / 1P
   CHOKE Surface Mount Common Mode Choke
8044 FILTRAN-8044 Datasheet
133Kb / 1P
   CHOKE Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM1206ER161M VISHAY-ICM1206ER161M Datasheet
159Kb / 3P
   Surface Mount Common Mode Choke
Revision: 01-Mar-06
ICM0805ER900M VISHAY-ICM0805ER900M Datasheet
67Kb / 2P
   Surface Mount Common Mode Choke
Revision: 19-Apr-10
logo
NIC-Components Corp.
NCC NIC-NCC Datasheet
126Kb / 3P
   Surface Mount Common Mode Choke
logo
API Delevan
CM6560 API-CM6560 Datasheet
47Kb / 1P
   Surface Mount Common Mode Choke
logo
Vishay Siliconix
ICM-1206 VISHAY-ICM-1206_06 Datasheet
78Kb / 2P
   Surface Mount Common Mode Choke
Revision: 01-Mar-06
logo
Rhombus Industries Inc.
F-174 RHOMBUS-IND-F-174 Datasheet
16Kb / 1P
   Surface Mount Common Mode Choke
F-1900HV RHOMBUS-IND-F-1900HV Datasheet
16Kb / 1P
   Surface Mount Common Mode Choke
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com