Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFA40HF120 Datasheet(PDF) 2 Page - International Rectifier

Part # HFA40HF120
Description  HEXFRED TM Ultrafast, Soft Recovery Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

HFA40HF120 Datasheet(HTML) 2 Page - International Rectifier

  HFA40HF120 Datasheet HTML 1Page - International Rectifier HFA40HF120 Datasheet HTML 2Page - International Rectifier HFA40HF120 Datasheet HTML 3Page - International Rectifier HFA40HF120 Datasheet HTML 4Page - International Rectifier HFA40HF120 Datasheet HTML 5Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HFA40HF120
2
www.irf.com
Parameter
Min. Typ. Max. Units
Test Conditions
VBR
Cathode Anode Breakdown Voltage
1200
V
IR = 100µA
VFM
Max Forward Voltage
3.1
IF = 11A
4.0
V
IF = 22A
See Fig. 1
2.7
IF = 11A, TJ = 125°C
IRM
Max Reverse Leakage Current
10
µA
VR = VR Rated
1.0
mA
TJ = 125°C, VR = 960V
CT
Junction Capacitance
28
42
pF
VR = 200V
See Fig. 3
LS
Series Inductance
2.8
nH
Measured from center of bond pad to
end of anode bonding wire
Electrical Characteristics (per Leg) @ TJ = 25°C (unless otherwise specified)
See Fig. 2
Dynamic Recovery Characteristics (per Leg) @ TJ = 25°C (unless otherwise specified)
A/µs
nC
A
Parameter
Min. Typ. Max. Units
Test Conditions
trr1
Reverse Recovery Time
80
120
ns
TJ = 25°C
See Fig.
trr2
130
195
TJ = 125°C
5
IF = 11A
IRRM1
Peak Recovery Current
7.25 10.9
TJ = 25°C
See Fig.
IRRM2
10.2 15.3
TJ = 125°C
6
VR = 200V
Qrr1
Reverse Recovery Charge
340
510
TJ = 25°C
See Fig.
Qrr2
825 1240
TJ = 125°C
7
dif/dt = 200A/µs
di(rec)M/dt1
Peak Rate of Fall of Recovery Current
230
350
TJ = 25°C
See Fig.
di(rec)M/dt2
During tb
160
240
TJ = 125°C
8
IR Case Style SMD-1
Legend:
1 - Cathode
2 - N/C
3 - Anode


Similar Part No. - HFA40HF120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA40HF120 IRF-HFA40HF120 Datasheet
196Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120C IRF-HFA40HF120C_15 Datasheet
142Kb / 5P
   Ultrafast, Soft Recovery Diode
HFA40HF120 IRF-HFA40HF120_15 Datasheet
196Kb / 5P
   Ultrafast, Soft Recovery Diode
More results

Similar Description - HFA40HF120

ManufacturerPart #DatasheetDescription
logo
International Rectifier
HFA160NJ40D IRF-HFA160NJ40D Datasheet
322Kb / 5P
   HEXFRED TM Ultrafast, Soft Recovery Diode
HFA120FA60 IRF-HFA120FA60 Datasheet
853Kb / 6P
   HEXFRED ULTRAFAST SOFT RECOVERY DIODE
HFA75MB40C IRF-HFA75MB40C Datasheet
278Kb / 5P
   Ultrafast, Soft Recovery Diode HEXFRED
HFA320NJ40C IRF-HFA320NJ40C Datasheet
329Kb / 5P
   HEXFRED Ultrafast, Soft Recovery Diode
HFA16PB120 IRF-HFA16PB120 Datasheet
164Kb / 6P
   Ultrafast, Soft Recovery Diode HEXFRED
HFA140NJ60C IRF-HFA140NJ60C Datasheet
320Kb / 5P
   HEXFRED Ultrafast, Soft Recovery Diode
HFA06PB120 IRF-HFA06PB120 Datasheet
188Kb / 7P
   HEXFRED Ultrafast, Soft Recovery Diode
HFA100MD60C IRF-HFA100MD60C Datasheet
309Kb / 5P
   HEXFRED??Ultrafast, Soft Recovery Diode
HFA105NH60 IRF-HFA105NH60 Datasheet
293Kb / 5P
   HEXFRED??Ultrafast, Soft Recovery Diode
HFA105NH60R IRF-HFA105NH60R Datasheet
282Kb / 5P
   HEXFRED??Ultrafast, Soft Recovery Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com