Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2566L1-1-V Datasheet(PDF) 9 Page - California Eastern Labs

Part # PS2566L1-1-V
Description  HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2566L1-1-V Datasheet(HTML) 9 Page - California Eastern Labs

Back Button PS2566L1-1-V Datasheet HTML 5Page - California Eastern Labs PS2566L1-1-V Datasheet HTML 6Page - California Eastern Labs PS2566L1-1-V Datasheet HTML 7Page - California Eastern Labs PS2566L1-1-V Datasheet HTML 8Page - California Eastern Labs PS2566L1-1-V Datasheet HTML 9Page - California Eastern Labs PS2566L1-1-V Datasheet HTML 10Page - California Eastern Labs PS2566L1-1-V Datasheet HTML 11Page - California Eastern Labs PS2566L1-1-V Datasheet HTML 12Page - California Eastern Labs PS2566L1-1-V Datasheet HTML 13Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ORDERING INFORMATION (Pb-Free) (1/2)
Part Number
Package
Packing Style
Safety Standard
Approval
Application Part
Number
*1
PS2566-1-A
4-pin DIP
Magazine case 100 pcs
Standard products
PS2566-1
PS2566L-1-A
(UL, CSA, BSI,
PS2566L1-1-A
NEMKO, SEMKO,
PS2566L2-1-A
DEMKO, FIMKO
PS2566L-1-E3-A
Embossed Tape 1 000 pcs/reel
approved)
PS2566L-1-E4-A
PS2566L-1-F3-A
Embossed Tape 2 000 pcs/reel
PS2566L-1-F4-A
PS2566L2-1-E3-A
Embossed Tape 1 000 pcs/reel
PS2566L2-1-E4-A
PS2566-2-A
8-pin DIP
Magazine case 45 pcs
PS2566-2
PS2566L-2-A
PS2566L1-2-A
PS2566L2-2-A
PS2566L-2-E3-A
Embossed Tape 1 000 pcs/reel
PS2566L-2-E4-A
PS2566-4-A
16-pin DIP
Magazine case 20 pcs
PS2566-4
PS2566L-4-A
PS2566L1-4-A
PS2566L2-4-A
PS2566-1-V-A
4-pin DIP
Magazine case 100 pcs
VDE approved
PS2566-1
PS2566L-1-V-A
products (Option)
PS2566L1-1-V-A
PS2566L2-1-V-A
PS2566L-1-V-E3-A
Embossed Tape 1 000 pcs/reel
PS2566L-1-V-E4-A
PS2566L-1-V-F3-A
Embossed Tape 2 000 pcs/reel
PS2566L-1-V-F4-A
PS2566L2-1-V-E3-A
Embossed Tape 1 000 pcs/reel
PS2566L2-1-V-E4-A
*1 For the application of the Safety Standard, following part number should be used.
Data Sheet PN10237EJ02V0DS
9
PS2566-1,-2,-4,PS2566L-1,-2,-4,PS2566L1-1,-2,-4,PS2566L2-1,-2,-4


Similar Part No. - PS2566L1-1-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS2566L1-1-V NEC-PS2566L1-1-V Datasheet
109Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2566L1-1-V

ManufacturerPart #DatasheetDescription
logo
NEC
PS2506-1 NEC-PS2506-1 Datasheet
107Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2506-1 RENESAS-PS2506-1_15 Datasheet
243Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2506-1 CEL-PS2506-1 Datasheet
206Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2566-1 RENESAS-PS2566-1 Datasheet
335Kb / 22P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
April 1st, 2010
logo
List of Unclassifed Man...
PS2506-4-A ETC2-PS2506-4-A Datasheet
206Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2566-1 NEC-PS2566-1 Datasheet
109Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2506-1-A CEL-PS2506-1-A Datasheet
206Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2806-1 RENESAS-PS2806-1_15 Datasheet
266Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
PS2562-1 RENESAS-PS2562-1_15 Datasheet
274Kb / 18P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2502-1 CEL-PS2502-1 Datasheet
215Kb / 13P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE MULTI PHOTOCOUPLER SERIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com