Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF34M1-LYCATXX Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # MF34M1-LYCATXX
Description  8/16-bit Data Bus Static RAM Card
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

MF34M1-LYCATXX Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  MF34M1-LYCATXX Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MF34M1-LYCATXX Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MF34M1-LYCATXX Datasheet HTML 3Page - Mitsubishi Electric Semiconductor MF34M1-LYCATXX Datasheet HTML 4Page - Mitsubishi Electric Semiconductor MF34M1-LYCATXX Datasheet HTML 5Page - Mitsubishi Electric Semiconductor MF34M1-LYCATXX Datasheet HTML 6Page - Mitsubishi Electric Semiconductor MF34M1-LYCATXX Datasheet HTML 7Page - Mitsubishi Electric Semiconductor MF34M1-LYCATXX Datasheet HTML 8Page - Mitsubishi Electric Semiconductor MF34M1-LYCATXX Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MITSUBISHI MEMORY CARD
STATIC RAM CARDS
MITSUBISHI
ELECTRIC
1/14
Apr. 1999 Rev. 1.2
8/16-bit Data Bus
Static RAM Card
Connector Type
Two- piece 68-pin
1. DESCRIPTION
Mitsubishi’s Static RAM cards provide large memory
capacities on a device approximately the size of a
credit card (85.6mm
×54mm×3.3mm). The cards use
a 8/16 bit data-bus.
Available in 64KB, 128KB, 256KB, 512KB,
1 MB, 2 MB and 4 MB capacities, Mitsubishi’s
SRAM cards conform to the PC Card Standard.
Mitsubishi achieved high density memory, while
maintaining credit size by using a thin small outline
packaging technology (TSOP). The TSOP surpasses
conventional memory card chip-on-board packaging
technology where larger, surface-mount devices
result in a tradeoff between card size and optimum
memory density. The TSOP, with external leads
spaced on 20-mil centers, is over four times smaller
than standard equivalent pin count surface-mount
packages. This allows up to 8 memory ICs (plus
interface circuitry) to be mounted in a card that in
only 3.3mm thick.
MF365A-LYCATXX
MF3129-LYCATXX
MF3257-LYCATXX
MF3513-LYCATXX
MF31M1-LYCATXX
MF32M1-LYCATXX
MF34M1-LYCATXX
2. FEATURES
nUses TSOP (Thin Small Outline Package) to
achieve very high memory density coupled with
high reliability, without enlarging card size
nElectrostatic discharge protection to 15kV
nBuffered interface
nWrite protect switch
n68pin
3. APPLICATIONS
nOffice automation
nData Communication
nComputers
nIndustrial
nTelecommunications nConsumer
4. PRODUCT LIST
Item
Memory
Data Bus
Attribute
Auxiliary
Type name
capacity
width(bits)
memory
battery
MF365A-LYCATXX
64KB
MF3129-LYCATXX
128KB
MF3257-LYCATXX
256KB
MF3513-LYCATXX
512KB
8/16
NO
NO
MF31M1-LYCATXX
1MB
MF32M1-LYCATXX
2MB
MF34M1-LYCATXX
4MB


Similar Part No. - MF34M1-LYCATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF34M1-LCDATXX MITSUBISHI-MF34M1-LCDATXX Datasheet
254Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF34M1-LSDATXX MITSUBISHI-MF34M1-LSDATXX Datasheet
254Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF34M1-LZCATXX MITSUBISHI-MF34M1-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
More results

Similar Description - MF34M1-LYCATXX

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MF365A-LCDATXX MITSUBISHI-MF365A-LCDATXX Datasheet
254Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF365A-LZCATXX MITSUBISHI-MF365A-LZCATXX Datasheet
116Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF365A-J8CATXX MITSUBISHI-MF365A-J8CATXX Datasheet
119Kb / 16P
   8/16-bit Data Bus Static RAM Card
MF38M1-LCDAGXX MITSUBISHI-MF38M1-LCDAGXX Datasheet
258Kb / 9P
   8/16-bit Data Bus Static RAM Card
MF38M1-L6DAGXX MITSUBISHI-MF38M1-L6DAGXX Datasheet
316Kb / 11P
   8/16-bit Data Bus Static RAM Card
MF365A-J9CATXX MITSUBISHI-MF365A-J9CATXX Datasheet
102Kb / 14P
   8/16-bit Data Bus Static RAM Card
MF0032M-04AAXX MITSUBISHI-MF0032M-04AAXX Datasheet
211Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0032M-05AAXX MITSUBISHI-MF0032M-05AAXX Datasheet
589Kb / 32P
   8/16-bit Data Bus CompactFlash Card
MF0064M-04BAXX MITSUBISHI-MF0064M-04BAXX Datasheet
217Kb / 31P
   8/16-bit Data Bus CompactFlash Card
MF82M1-GMCAVXX MITSUBISHI-MF82M1-GMCAVXX Datasheet
148Kb / 22P
   8/16-bit Data Bus Flash Memory Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com