Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEW5503-3 Datasheet(PDF) 1 Page - Filtran LTD

Part # TEW5503-3
Description  CEPT/T Input/Output Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FILTRAN [Filtran LTD]
Direct Link  http://www.filtran.com
Logo FILTRAN - Filtran LTD

TEW5503-3 Datasheet(HTML) 1 Page - Filtran LTD

  TEW5503-3 Datasheet HTML 1Page - Filtran LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEW5503 - 1 & - 2 are designed to be
used, as INPUT Transformers in the
ISDN primary rate access network for
the following devices:
Crystal
61535A,
61574A
61575,
6158A
Level One
304A,
305A
Also as IN / OUTPUT Transformer for:
Crystal
61534,
61535
61574
6158
Level One
300, 301, 305
TEW5503 - 3
Designed as OUTPUT
Transformer for:
Brooktree
BT8069B
Level One
LXT319, 318, 360
Mitel
MT9075
TEW5503 - 4
Designed as INPUT
Transfomer for:
Brooktree
BT8069B
Level One
LXT319, 318, 360
Mitel
MT9075
TEW5503 - 5
Designed as INPUT
& UTPUT Transf. for:
PMC-Sierra
PM4351 Comet
Typical applications are:
Primary rate ISDN network nodes
PBX or computer to T1/CEPT Digital
Trunks.
TDM Multiplexers
Line Impedance
Ohms
(4 - 6)
100/120
75
75,100
75, 100
100, 120
& 120
& 120
Turns ratio
(4 - 6) : (1 - 3)
1 : 2
1 : 2
2 : 1
1 : 1
1 : 2.41
Inductance
mH
(4 - 6)
> 1.2
> 0.7
> 4.8
> 1.2
> 1.3
Return Loss
dB
T1.408
G.703
n/a
G.703
T1.408
G.703
BS6328
G.703
Longitud. Balance
dB
T1.408
I.431
T1.4408
T.408
T1.408
I.431
I.431
I.431
I.431
Dielectric Strength
V r.m.s.
1500
1500
1500
1500
1500
3
2
1
6
4
5
3
1
6
4
2
MECHANICAL
ELECTRICAL SPECIFICATION
5503 - 1
5503 - 2
5503 - 3
5503 - 4
5503 - 5
Rd d
1.27
1.27
5.08
9.53
2.54
Filtran Limited
229 Colonnade Road, Nepean, Ontario, Canada. K2E 7K3,
2-42
Tel : (613) 226-1626 Fax : (613) 226-7124
Top view
Dimensions
are in mm.
CEPT/T
Input/Output Transformer
TEW5503


Similar Part No. - TEW5503-3

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TEW5502 FILTRAN-TEW5502 Datasheet
34Kb / 1P
   CEPT/T1 Output Transformer
TEW5502-1 FILTRAN-TEW5502-1 Datasheet
34Kb / 1P
   CEPT/T1 Output Transformer
TEW5502-2 FILTRAN-TEW5502-2 Datasheet
34Kb / 1P
   CEPT/T1 Output Transformer
TEW5502-3 FILTRAN-TEW5502-3 Datasheet
34Kb / 1P
   CEPT/T1 Output Transformer
TEW5502-4 FILTRAN-TEW5502-4 Datasheet
34Kb / 1P
   CEPT/T1 Output Transformer
More results

Similar Description - TEW5503-3

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
TEW5736 FILTRAN-TEW5736 Datasheet
20Kb / 1P
   CEPT/T1 Input/Output Transformer
TEW5376 FILTRAN-TEW5376 Datasheet
27Kb / 1P
   CEPT/T1 Input/Output Transformer
TEW5769 FILTRAN-TEW5769 Datasheet
25Kb / 1P
   CEPT/T1 Input/Output Transformer
TEW5921 FILTRAN-TEW5921 Datasheet
28Kb / 1P
   T1/CEPT Input/Output Transformer
TEW4596 FILTRAN-TEW4596 Datasheet
21Kb / 1P
   CEPT /T1 Input/Output Transformer
TEW5721 FILTRAN-TEW5721 Datasheet
43Kb / 1P
   CEPT/T1 Input/Output Transformer
TEW5314 FILTRAN-TEW5314 Datasheet
34Kb / 1P
   CEPT/T1 Input/Output Transformer
TEW4977 FILTRAN-TEW4977 Datasheet
46Kb / 1P
   CEPT/T1 Input/Output Transformer
TEW4994 FILTRAN-TEW4994 Datasheet
24Kb / 1P
   CEPT /T1 input/output Transformer
TEW5614 FILTRAN-TEW5614 Datasheet
29Kb / 1P
   CEPT Input Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com