Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6251-4.5T92RL Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # GM6251-4.5T92RL
Description  ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GM6251-4.5T92RL Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button GM6251-4.5T92RL Datasheet HTML 4Page - List of Unclassifed Manufacturers GM6251-4.5T92RL Datasheet HTML 5Page - List of Unclassifed Manufacturers GM6251-4.5T92RL Datasheet HTML 6Page - List of Unclassifed Manufacturers GM6251-4.5T92RL Datasheet HTML 7Page - List of Unclassifed Manufacturers GM6251-4.5T92RL Datasheet HTML 8Page - List of Unclassifed Manufacturers GM6251-4.5T92RL Datasheet HTML 9Page - List of Unclassifed Manufacturers GM6251-4.5T92RL Datasheet HTML 10Page - List of Unclassifed Manufacturers GM6251-4.5T92RL Datasheet HTML 11Page - List of Unclassifed Manufacturers GM6251-4.5T92RL Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
GM6251
10
PERFORMANCE CHARACTERISTICS FOR GM6251- 3.0
6
4
2
0
-2
-4
-6
Time (0.4msec/ div)
Figure 7: Input Transient Response 1
Figure 8: Input Transient Response 2
6
5
4
3
2
1
Time (1msec/ div)
6
5
4
3
2
1
0
5.0
4.5
4.0
3.5
3.0
2.5
Input Voltage
Output Voltage
I
= 1mA
OUT
C =1µF
L
60
50
40
30
20
10
0
0.01
0.1
1
10
V = 4V
+1V
AC
IN
DC
P-P
I
= 40mA, C = 1µF
OUT
L
Input Voltage
Output Voltage
Figure 9: Ripple Rejection Rate
Ripple Frequency: f (kHz)
I
= 1mA
OUT
C =1µF
L
TO-92 PACKAGE OUTLINE DIMENSIONS
4.6 ± 0.1
4.6 ± 0.1
2.3
3 - 0.46
1.45 ± 0.1
14.5 ± 0.5
1.27 1.27
3.6 ± 0.15
0.38 ± 0.015
3.6 ± 0.15
1.3 ± 0.1
Unit: mm
D


Similar Part No. - GM6251-4.5T92RL

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6251-4.5T92RL GAMMA-GM6251-4.5T92RL Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251-4.5T92RL GAMMA-GM6251-4.5T92RL Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM6251-4.5T92RL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
   3A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6350 GAMMA-GM6350_09 Datasheet
88Kb / 9P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39500 TSC-TS39500 Datasheet
501Kb / 12P
   5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251_1 Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com