Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6251-4.0T92B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # GM6251-4.0T92B
Description  ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GM6251-4.0T92B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  GM6251-4.0T92B Datasheet HTML 1Page - List of Unclassifed Manufacturers GM6251-4.0T92B Datasheet HTML 2Page - List of Unclassifed Manufacturers GM6251-4.0T92B Datasheet HTML 3Page - List of Unclassifed Manufacturers GM6251-4.0T92B Datasheet HTML 4Page - List of Unclassifed Manufacturers GM6251-4.0T92B Datasheet HTML 5Page - List of Unclassifed Manufacturers GM6251-4.0T92B Datasheet HTML 6Page - List of Unclassifed Manufacturers GM6251-4.0T92B Datasheet HTML 7Page - List of Unclassifed Manufacturers GM6251-4.0T92B Datasheet HTML 8Page - List of Unclassifed Manufacturers GM6251-4.0T92B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Description
The GM6251's combine high accuracy with very low power
consumption, providing high output current even when the
application requires extremely low input-output voltage dif-
ferential.
The GM6251's include a precision voltage reference, an er-
ror correction circuit, over-temperature protection, and a
current limited output driver. Fast transient response to
load variations provides excellent stability under dynamic
load conditions.
The GM6251's come in SOT-25 (150mW), SOT-89
(500mW) and TO-92 packages.
Application
Palmtops
Portable Cameras
Video Recorders
Features
Maximum output current 250mA (within
maximum power dissipation)
Output voltage: from 1.8 V to 6.0V in 0.1V
increments
Output voltage ±2%
CMOS low power consumption, typically
1.0µA at V
= 5.0V
OUT
Input stability typically 0.2%/ V
Ultra-low dropout voltage 0.38V @ I
=
OUT
200mA at V
= 5.0V
OUT
Small input/ output differential:
0.4V at 160mA (V
= 3.3V)
OUT
SOT-25 (150mW), SOT-89 (500mW) and
TO-92 packages
TYPICAL APPLICATION CIRCUITS
www.gammamicro.com
1
PRELIMINARY
GM6251
ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Power Management
GM6251
VIN
VOUT
VSS
+
+
VIN
R
L
C
L
1µF
(Tantalum)
CIN
1µF
(Tantalum)
Battery Powered Equipment
Reference Voltage Sources


Similar Part No. - GM6251-4.0T92B

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6251-4.0T92B GAMMA-GM6251-4.0T92B Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251-4.0T92B GAMMA-GM6251-4.0T92B Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM6251-4.0T92B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
   3A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6350 GAMMA-GM6350_09 Datasheet
88Kb / 9P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39500 TSC-TS39500 Datasheet
501Kb / 12P
   5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251_1 Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com