Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC7447AVGH1333LB Datasheet(PDF) 3 Page - ATMEL Corporation

Part # PC7447AVGH1333LB
Description  PowerPC RISC microprocessor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

PC7447AVGH1333LB Datasheet(HTML) 3 Page - ATMEL Corporation

  PC7447AVGH1333LB Datasheet HTML 1Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 2Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 3Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 4Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 5Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 6Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 7Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 8Page - ATMEL Corporation PC7447AVGH1333LB Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
3
5387B–HIREL–07/05
PC7447A [Preliminary]
2. General Parameters
Table 2-1 provides a summary of the general parameters of the PC7477A.
3. Features
This section summarizes features of the PC7447A implementation of the PowerPC architecture.
Major features of the PC7447A are as follows:
• High-performance, superscalar microprocessor
– Up to four instructions can be fetched from the instruction cache at a time
– Up to 12 instructions can be in the instruction queue (IQ)
– Up to 16 instructions can be at some stage of execution simultaneously
– Single-cycle execution for most instructions
– One instruction per clock cycle throughput for most instructions
– Seven-stage pipeline control
• Eleven independent execution units and three register files
– Branch processing unit (BPU) features static and dynamic branch prediction
128-entry (32-set, four-way set-associative) branch target instruction cache (BTIC),
a cache of branch instructions that have been encountered in branch/loop code
sequences. If a target instruction is in the BTIC, it is fetched into the instruction
queue a cycle sooner than it can be made available from the instruction cache.
Typically, a fetch that hits the BTIC provides the first four instructions in the target
stream.
2048-entry branch history table (BHT) with two bits per entry for four levels of
prediction: not taken, strongly not taken, taken, and strongly taken
Up to three outstanding speculative branches
Branch instructions that do not update the count register (CTR) or link register (LR)
are often removed from the instruction stream
Table 2-1.
Device Parameters
Parameter
Description
Technology
0.13 µm CMOS, nine-layer metal
Die size
8.51 mm × 9.86 mm
Transistor count
48.6 million
Logic design
Fully-static
Packages
Surface mount 360 ceramic ball grid array
(HITCE)
Core power supply
1.3V ±50 mV DC nominal
I/O power supply
1.8V ±5% DC, or 2.5V ±5% DC


Similar Part No. - PC7447AVGH1333LB

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
PC7447 ATMEL-PC7447 Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
PC7447MG1000L ATMEL-PC7447MG1000L Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
PC7447MG1000N ATMEL-PC7447MG1000N Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
PC7447MG1200L ATMEL-PC7447MG1200L Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
PC7447MG1200N ATMEL-PC7447MG1200N Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
More results

Similar Description - PC7447AVGH1333LB

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC603E7TEC MOTOROLA-MPC603E7TEC Datasheet
551Kb / 36P
   PowerPC 603e RISC Microprocessor
MPC603E MOTOROLA-MPC603E Datasheet
132Kb / 31P
   PowerPC 603e RISC Microprocessor
logo
ATMEL Corporation
PC7457 ATMEL-PC7457 Datasheet
522Kb / 66P
   PowerPC 7457 RISC Microprocessor
logo
List of Unclassifed Man...
PC7410 ETC2-PC7410 Datasheet
1Mb / 57P
   PowerPC 7410 RISC Microprocessor
logo
ATMEL Corporation
PC755 ATMEL-PC755 Datasheet
1Mb / 50P
   PowerPC 755/745 RISC Microprocessor
PC7410 ATMEL-PC7410 Datasheet
692Kb / 54P
   PowerPC 7410 RISC Microprocessor Product Specification
logo
NXP Semiconductors
MPC604E NXP-MPC604E Datasheet
481Kb / 34P
   PowerPC 604eTM RISC Microprocessor Technical Summary
REV 1
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
MPC601 NXP-MPC601 Datasheet
556Kb / 32P
   PowerPC™ 601 RISC Microprocessor Technical Summary
REV 1
MPC603 NXP-MPC603 Datasheet
523Kb / 28P
   PowerPC™ 603 RISC Microprocessor Technical Summary
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com