Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA9380-B21 Datasheet(PDF) 11 Page - Micronas

Part # SDA9380-B21
Description  EDDC Enhanced Deflection Controller and RGB Processor
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

SDA9380-B21 Datasheet(HTML) 11 Page - Micronas

Back Button SDA9380-B21 Datasheet HTML 7Page - Micronas SDA9380-B21 Datasheet HTML 8Page - Micronas SDA9380-B21 Datasheet HTML 9Page - Micronas SDA9380-B21 Datasheet HTML 10Page - Micronas SDA9380-B21 Datasheet HTML 11Page - Micronas SDA9380-B21 Datasheet HTML 12Page - Micronas SDA9380-B21 Datasheet HTML 13Page - Micronas SDA9380-B21 Datasheet HTML 14Page - Micronas SDA9380-B21 Datasheet HTML 15Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
SDA 9380 - B21
Preliminary Data Sheet
Block diagram
Micronas
3-3
2001-01-29
3
Block diagram
VSYNC
HSYNC
CONTROL
PLL
CLL
HPROT
VBLO
X1
X2
VREFC
SCL
SDA
TEST
CLKI
PROTECTION
START UP
H-OUT
V-OUT
EW-OUT
AVERAGE
BEAM LIMITER
HD
VD+
VD-
E/W
φ2
φ2
φ2
φ2
VPROT
SSD
IBEAM
H35K
RESN
SWITCH
D/A
BSOIN
H38K
VREFH
VREFN
HSAFE
PW/PH-CORR
CLAMP
CLAMP
CLAMP
BLACK
STRETCH
SATURATION
CONTROL
CUT OFF +
WHITE POINT
OUTPUT
BUFFER
RGB
MATRIX
BRIGHTNESS
CONTROL
DELAY
RGB/YUV 1
RGB 2
3
3
3
3
FBL 2
FBL 1
DCI
ROUT
GOUT
BOUT
YUV/RGB 0
3
3
3
3
Y
SVM
CLEXT
VDD(A1..4)
VSS(A1..4)
VDD(D1..2)
VSS(D1..2)
VDD(MC)
VSS(MC)
SUBST
PWM
PWM
MATRIX
MATRIX
MEASURE
PULSES
3
2
3
3
3
YUV
YUV
Y
UV
UV
3
3
3
PEAK DRIVE
LIMITER
BLUE STRETCH
CONTRAST
CONTROL
SWITCH
MATRIX
3
YUV
FH1_2
SCP
I²C
PROTON


Similar Part No. - SDA9380-B21

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SDA9380 INFINEON-SDA9380 Datasheet
59Kb / 2P
   EDDC MEGAVISION IC set to support single chip back end solutions for SDTV up to HDTV CRTs
More results

Similar Description - SDA9380-B21

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1229 TI1-LM1229 Datasheet
2Mb / 28P
[Old version datasheet]   Compatible CMOS TV RGB and Deflection Processor
logo
National Semiconductor ...
LM1229 NSC-LM1229 Datasheet
973Kb / 27P
   I2C Compatible CMOS TV RGB and Deflection Processor
logo
STMicroelectronics
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2000 STMICROELECTRONICS-STV2000 Datasheet
265Kb / 38P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
logo
Micronas
DDP3310B MICRONAS-DDP3310B Datasheet
1Mb / 60P
   Display and Deflection Processor
DDP3300A MICRONAS-DDP3300A Datasheet
1Mb / 53P
   Single-Chip Display and Deflection Processor
logo
Toshiba Semiconductor
TA8884AN TOSHIBA-TA8884AN Datasheet
2Mb / 54P
   RGB PROCESSOR IC
logo
National Semiconductor ...
LM1290 NSC-LM1290 Datasheet
176Kb / 9P
   Autosync Horizontal Deflection Processor
logo
Hitachi Semiconductor
HA11517BNT HITACHI-HA11517BNT Datasheet
121Kb / 5P
   DISPLAY DEFLECTION SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com