Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6251-2.8T92B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GM6251-2.8T92B
Description  ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GM6251-2.8T92B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GM6251-2.8T92B Datasheet HTML 1Page - List of Unclassifed Manufacturers GM6251-2.8T92B Datasheet HTML 2Page - List of Unclassifed Manufacturers GM6251-2.8T92B Datasheet HTML 3Page - List of Unclassifed Manufacturers GM6251-2.8T92B Datasheet HTML 4Page - List of Unclassifed Manufacturers GM6251-2.8T92B Datasheet HTML 5Page - List of Unclassifed Manufacturers GM6251-2.8T92B Datasheet HTML 6Page - List of Unclassifed Manufacturers GM6251-2.8T92B Datasheet HTML 7Page - List of Unclassifed Manufacturers GM6251-2.8T92B Datasheet HTML 8Page - List of Unclassifed Manufacturers GM6251-2.8T92B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MARKING INFORMATION & PIN CONFIGURATIONS(TOP VIEW)
GM6251
2
SOT-89
1
2
3
GM6251
VVAYWW
TO-92
6251
VV
AYWW
1
2 3
1. VOUT
2. VSS
3. VIN
VOUT VSS
VIN
XXVYW
1
3
2
5
4
V
IN
V
SS
NC
VOUT
NC
SOT-25(SOT-23-5)
XX
= Specific Device Code
V
= Voltage Code
VV
= Voltage Suffix (18=1.8V ,50=5.0V)
A
= Assembly Location
Y
= Year
WW, W= Work Week
(FA = GM6251)
Package
Shipping
SOT-25
SOT-25
SOT-25
SOT-25
SOT-25
SOT-89
SOT-89
SOT-89
SOT-89
SOT-89
3,000 Units/ Tape and Reel
3,000 Units/ Tape and Reel
3,000 Units/ Tape and Reel
3,000 Units/ Tape and Reel
3,000 Units/ Tape and Reel
1,000 Units/ Tape and Reel
1,000 Units/ Tape and Reel
1,000 Units/ Tape and Reel
1,000 Units/ Tape and Reel
1,000 Units/ Tape and Reel
Ordering Number
GM6251-1.8ST25R
GM6251-2.5ST25R
GM6251-2.7ST25R
GM6251-2.8ST25R
GM6251-3.0ST25R
GM6251-1.8ST89R
GM6251-2.5ST89R
GM6251-2.7ST89R
GM6251-2.8ST89R
GM6251-3.0ST89R
Output Voltage
ORDERING INFORMATION
TO-92
TO-92
TO-92
TO-92
TO-92
TO-92
TO-92
TO-92
TO-92
TO-92
1,000 Units/ ESD Bag
2,000 Units/ Ammo Pack (Tape)
2,000 Units/ Ammo Pack (Tape)
2,000 Units/ Ammo Pack (Tape)
2,000 Units/ Ammo Pack (Tape)
2,000 Units/ Ammo Pack (Tape)
GM6251-1.8T92B
GM6251-2.5T92B
GM6251-2.7T92B
GM6251-2.8T92B
GM6251-3.0T92B
GM6251-1.8T92RL
GM6251-2.5T92RL
GM6251-2.7T92RL
GM6251-2.8T92RL
GM6251-3.0T92RL
1.8V
1.8V
2.5V
2.5V
2.5V
2.5V
2.7V
2.7V
2.7V
2.7V
2.8V
2.8V
2.8V
2.8V
3.0V
3.0V
3.0V
3.0V
1.8V
1.8V
Voltage Code
E
G
T
H
J
1,000 Units/ ESD Bag
1,000 Units/ ESD Bag
1,000 Units/ ESD Bag
1,000 Units/ ESD Bag
* For detail Ordering Number identification, please see last page.


Similar Part No. - GM6251-2.8T92B

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM6251-2.8T92B GAMMA-GM6251-2.8T92B Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6251-2.8T92B GAMMA-GM6251-2.8T92B Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - GM6251-2.8T92B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM6250 ETC2-GM6250 Datasheet
142Kb / 12P
   ULTRA - LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS2950 TSC-TS2950 Datasheet
134Kb / 6P
   150mA Ultra Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251 Datasheet
345Kb / 13P
   250mA ULTRA-LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39300 TSC-TS39300 Datasheet
296Kb / 6P
   3A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6350 GAMMA-GM6350_09 Datasheet
88Kb / 9P
   450mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
GM6250_1311 GAMMA-GM6250_1311 Datasheet
408Kb / 14P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39500 TSC-TS39500 Datasheet
501Kb / 12P
   5A Ultra Low Dropout Positive Voltage Regulator
logo
Gamma Microelectronics ...
GM6251 GAMMA-GM6251_1 Datasheet
146Kb / 12P
   300mA ULTRA LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100 Datasheet
180Kb / 10P
   1.0A Ultra Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com