Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M68040 Datasheet(PDF) 8 Page - Motorola, Inc

Part # M68040
Description  M68000-compatible, high-performance, 32-bit microprocessors
Download  442 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

M68040 Datasheet(HTML) 8 Page - Motorola, Inc

Back Button M68040 Datasheet HTML 4Page - Motorola, Inc M68040 Datasheet HTML 5Page - Motorola, Inc M68040 Datasheet HTML 6Page - Motorola, Inc M68040 Datasheet HTML 7Page - Motorola, Inc M68040 Datasheet HTML 8Page - Motorola, Inc M68040 Datasheet HTML 9Page - Motorola, Inc M68040 Datasheet HTML 10Page - Motorola, Inc M68040 Datasheet HTML 11Page - Motorola, Inc M68040 Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 442 page
background image
x
M68040 USER’S MANUAL
MOTOROLA
TABLE OF CONTENTS (Continued)
Paragraph
Page
Number
Title
Number
6.2.2
HIGHZ ............................................................................................... 6-4
6.2.3
SAMPLE/PRELOAD.......................................................................... 6-4
6.2.4
DRVCTL.T ......................................................................................... 6-4
6.2.5
SHUTDOWN .....................................................................................6-5
6.2.6
PRIVATE ........................................................................................... 6-5
6.2.7
DRVCTL.S......................................................................................... 6-5
6.2.8
BYPASS ............................................................................................ 6-6
6.3
Boundary Scan Register ....................................................................... 6-6
6.4
Restrictions ...........................................................................................6-12
6.5
Disabling The IEEE Standard 1149.1A Operation ................................ 6-13
6.6
Motorola M68040 BSDL Description (Version 2.2) ............................... 6-15
6.7
MC68040, MC68LC040, MC68EC040
JTAG Electrical Characteristics ..........................................................6-21
Section 7
Bus Operation
7.1
Bus Characteristics ............................................................................... 7-1
7.2
Data Transfer Mechanism..................................................................... 7-3
7.3
Misaligned Operands ............................................................................ 7-6
7.4
Processor Data Transfers ..................................................................... 7-9
7.4.1
Byte, Word, and Long-Word Read Transfers .................................... 7-10
7.4.2
Line Read Transfer ............................................................................7-12
7.4.3
Byte, Word, and Long-Word Write Transfers .................................... 7-20
7.4.4
Line Write Transfers .......................................................................... 7-22
7.4.5
Read-Modify-Write Transfers (Locked Transfers) ............................. 7-26
7.5
Acknowledge Bus Cycles ......................................................................7-29
7.5.1
Interrupt Acknowledge Bus Cycles ....................................................7-29
7.5.1.1
Interrupt Acknowledge BUS Cycle (Terminated Normally) ............ 7-31
7.5.1.2
Autovector Interrupt Acknowledge bus Cycle ................................ 7-33
7.5.1.3
Spurious Interrupt Acknowledge Bus Cycle................................... 7-34
7.5.2
Breakpoint Interrupt Acknowledge Bus Cycle ....................................... 7-35
7.6
Bus Exception Control Cycles............................................................... 7-36
7.6.1
Bus Errors ......................................................................................... 7-37
7.6.2
Retry Operation ................................................................................. 7-41
7.6.3
Double Bus Fault ............................................................................... 7-43
7.7
Bus Synchronization ............................................................................. 7-43
7.8
Bus Arbitration And Examples .............................................................. 7-44
7.8.1
Bus Arbitration ................................................................................... 7-45
7.8.2
Bus Arbitration Examples .................................................................. 7-52
7.8.2.1
Dual M68040 Fairness Arbitration .................................................7-52
7.8.2.2
Dual M68040 Prioritized Arbitration ............................................... 7-54
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - M68040

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
M68040 FREESCALE-M68040 Datasheet
3Mb / 442P
   Freescale Semiconductor, Inc.
More results

Similar Description - M68040

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC68020RC25E FREESCALE-MC68020RC25E Datasheet
1Mb / 306P
   Object-Code Compatible with Earlier M68000 Microprocessors
MC68060RC50 FREESCALE-MC68060RC50 Datasheet
86Kb / 10P
   Superscalar 32-Bit Microprocessors
M68020 FREESCALE-M68020 Datasheet
9Mb / 313P
   The first full 32-bit implementation of the M68000 family of microprocessors from Motorola
logo
Advanced Micro Devices
AM29116 AMD-AM29116 Datasheet
2Mb / 44P
   High-Performance 16-Bit Bipolar Microprocessors
logo
Microchip Technology
SAM9G20 MICROCHIP-SAM9G20 Datasheet
2Mb / 798P
   32-BIT ARM-BASED MICROPROCESSORS
2017
logo
List of Unclassifed Man...
ARM7TDMI ETC-ARM7TDMI Datasheet
1Mb / 268P
   general purpose 32-bit microprocessors
logo
Freescale Semiconductor...
MC68HC000RC10 FREESCALE-MC68HC000RC10 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User Manual
logo
Motorola, Inc
MC68HC000EI8 MOTOROLA-MC68HC000EI8 Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
logo
Silicon Laboratories
EFM32GG232 SILABS-EFM32GG232 Datasheet
1Mb / 71P
   High Performance 32-bit processor
logo
Freescale Semiconductor...
MC68000UM FREESCALE-MC68000UM Datasheet
1Mb / 189P
   8-/16-/32-Bit Microprocessors User?셲 Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com